Electronic Components Datasheet Search
  English  ▼

X  

IL215AT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL215AT
Description  Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL215AT Datasheet(HTML) 3 Page - Vishay Siliconix

  IL215AT Datasheet HTML 1Page - Vishay Siliconix IL215AT Datasheet HTML 2Page - Vishay Siliconix IL215AT Datasheet HTML 3Page - Vishay Siliconix IL215AT Datasheet HTML 4Page - Vishay Siliconix IL215AT Datasheet HTML 5Page - Vishay Siliconix IL215AT Datasheet HTML 6Page - Vishay Siliconix IL215AT Datasheet HTML 7Page - Vishay Siliconix IL215AT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83616
326
Rev. 1.9, 08-May-08
IL215AT/216AT/217AT
Vishay Semiconductors
Optocoupler, Phototransistor Output,
Low Input Current, with Base Connection
Note
As per IEC 60747-5-2, §7.4.3.8.1, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 1 - Forward Voltage vs. Forward Current
Fig. 2 - Normalized Non-Saturated and Saturated CTRCE vs.
LED Current
Fig. 3 - Collector Emitter Current vs. LED Current
Fig. 4 - Normalized Collector Base Photocurrent vs. LED Current
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
VIOTM
6000
V
VIORM
560
V
PSO
350
mW
ISI
150
mA
TSI
165
°C
Creepage
4mm
Clearance
4mm
Insulation thickness, reinforced rated
per IEC 60950 2.10.5.1
0.2
mm
iil215at_01
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current (mA)
T
A = - 55 °C
T
A = 100 °C
T
A = 25 °C
iil215at_02
0.1
1
10
100
0.0
0.5
1.0
1.5
VCE =5 V
Normalized to:
V
CE = 10 V
I
F = 10 mA
VCE = 0.4 V
IF - LED Current (mA)
iil215at_03
0.1
1
10
100
0
50
100
150
V
CE = 0.4 V
V
CE = 5 V
IF - LED Current (mA)
iil215at_04
0.1
1
10
100
0.1
1
10
100
I
F - LED Current (mA)
Normalized to:
V
cb = 9.3 V
I
F = 1.0 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com