Electronic Components Datasheet Search
  English  ▼

X  

1015421 Datasheet(PDF) 2 Page - SICK AG

Part # 1015421
Description  BAR CODE SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1015421 Datasheet(HTML) 2 Page - SICK AG

  1015421 Datasheet HTML 1Page - SICK AG 1015421 Datasheet HTML 2Page - SICK AG 1015421 Datasheet HTML 3Page - SICK AG 1015421 Datasheet HTML 4Page - SICK AG 1015421 Datasheet HTML 5Page - SICK AG 1015421 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV410-0010 | CLV41x
BAR CODE SCANNERS
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2016-03-11 19:18:10
Subject to change without notice
Ordering information
Type
Part no.
CLV410-0010
1015421
Other models and accessories
www.sick.de/CLV41x
Detailed technical data
Features
Version
Mid Range
Connection type
Standard
Reading field
Front
Scanner design
Line scanner
Focus
Fixed focus
Light source
Visible red light (laser, 670 nm)
MTBF
20,000 h
Laser class
2 (DIN EN 60825-1)
Aperture angle
≤ 60°
Scanning frequency
200 Hz ... 800 Hz
Code resolution
0.2 mm ... 1 mm
Reading distance
50 mm ... 380 mm 1)
1) For details see reading field diagram.
Performance
Bar code types
All current code types, Code 39, Code 128, Code 93, Codabar, GS1-128 / EAN 128, UPC /
GTIN / EAN, Interleaved 2 of 5, Pharmacode
Print ratio
2:1 ... 3:1
No. of codes per scan
1 ... 3
No. of codes per reading interval
1 ... 10
No. of characters per reading interval
100
No. of multiple readings
1 ... 99
Interfaces
Serial (RS-232, RS-422/-485)
✔, AUX (only RS-232)
Function Host, AUX
Data transmission rate 300 Baud ... 57,600 Baud, AUX: 9,600 baud
Switching inputs
2 (“Sensor 1”, “Sensor 2”)
Switching outputs
3 (“Result 1”, “Result 2”, “Result 3”)
Reading pulse
Reflector polling, Switching input “Sensor 1”, non-powered, serial interface



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com