Electronic Components Datasheet Search
  English  ▼

X  

1015421 Datasheet(PDF) 5 Page - SICK AG

Part # 1015421
Description  BAR CODE SCANNERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1015421 Datasheet(HTML) 5 Page - SICK AG

  1015421 Datasheet HTML 1Page - SICK AG 1015421 Datasheet HTML 2Page - SICK AG 1015421 Datasheet HTML 3Page - SICK AG 1015421 Datasheet HTML 4Page - SICK AG 1015421 Datasheet HTML 5Page - SICK AG 1015421 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CLV410-0010 | CLV41x
BAR CODE SCANNERS
2016-03-11 19:18:10 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
5
Reading field diagram
Reading field height in mm (inch)
200
(7.87)
–200
(–7.87)
–150
(–5.91)
0
100
(3.94)
200
(7.87)
300
(11.81)
400
(15.75)
–100
(–3.94)
–50
(–1.97)
150
(5.91)
100
(3.94)
50
(1.97)
0
a
b
c
d
Reading distance in mm (inch)
Resolution
a: 0.20 mm (7.9 mil)
c: 0.50 mm (19.7 mil)
b: 0.35 mm (13.8 mil)
d: 1.00 mm (39.4 mil)
Recommended accessories
Other models and accessories
www.sick.de/CLV41x
Brief description
Type
Part no.
Mounting brackets and mounting plates
Mounting bracket, small, mounting hardware included
Mounting bracket
2020077
Modules
Small connection module for one CLV41x
CDB410-001
1023813
Modular connection module for one CLV41x
CDM410-0001
1025361



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com