Electronic Components Datasheet Search
  English  ▼

X  

SIP32448 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP32448
Description  1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32448 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP32448 Datasheet HTML 4Page - Vishay Siliconix SIP32448 Datasheet HTML 5Page - Vishay Siliconix SIP32448 Datasheet HTML 6Page - Vishay Siliconix SIP32448 Datasheet HTML 7Page - Vishay Siliconix SIP32448 Datasheet HTML 8Page - Vishay Siliconix SIP32448 Datasheet HTML 9Page - Vishay Siliconix SIP32448 Datasheet HTML 10Page - Vishay Siliconix SIP32448 Datasheet HTML 11Page - Vishay Siliconix SIP32448 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SiP32448, SiP32449
www.vishay.com
Vishay Siliconix
S15-1920-Rev. C, 24-Aug-15
9
Document Number: 62959
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Fig. 18 - Turn-On Delay Time vs. Temperature
Fig. 19 - Reverse Blocking Current
Fig. 20 - Turn-Off Delay Time vs. Temperature
Fig. 21 - Negative Input Voltage Tolerance
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?62959.
0.8
0.9
0.9
1.0
1.0
1.1
1.1
1.2
1.2
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 5 V
C
L = 0.1 μF
R
L = 10 Ω
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
OUT (V)
V
IN = 0 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
- 40
- 20
0
20406080
100
Temperature (
°C)
V
IN = 5 V
C
L = 0.1 μF
R
L = 10 Ω
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
-2.0 -1.8 -1.6 -1.4 -1.2 -1.0 -0.8 -0.6 -0.4 -0.2 0.0
V
IN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com