Electronic Components Datasheet Search
  English  ▼

X  

SIP32448 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32448
Description  1.7 V to 5.5 V, 3 A Load Switch with Negative VIN Tolerance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32448 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32448 Datasheet HTML 1Page - Vishay Siliconix SIP32448 Datasheet HTML 2Page - Vishay Siliconix SIP32448 Datasheet HTML 3Page - Vishay Siliconix SIP32448 Datasheet HTML 4Page - Vishay Siliconix SIP32448 Datasheet HTML 5Page - Vishay Siliconix SIP32448 Datasheet HTML 6Page - Vishay Siliconix SIP32448 Datasheet HTML 7Page - Vishay Siliconix SIP32448 Datasheet HTML 8Page - Vishay Siliconix SIP32448 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SiP32448, SiP32449
www.vishay.com
Vishay Siliconix
S15-1920-Rev. C, 24-Aug-15
3
Document Number: 62959
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. For VIN outside this range consult typical EN threshold curve.
d. Not tested, guarantee by design.
PIN CONFIGURATION
Fig. 2 - TDFN4 1.2 mm x 1.6 mm Package
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 5 V, TA = -40 °C to +85 °C
(Typical values are at TA = 25 °C)
Limits
-40 °C to +85 °C
Unit
Min. a
Typ. b
Max. a
Operating Voltage c
VIN
1.7
-
5.5
V
Negative Input Voltage Tolerance
INEG
VIN = -2 V
--15
-
mA
Under Voltage Lock Out
UVLOH-L
EN = open, 25 °C (switch On to Off)
-
-
2
V
UVLOL-H
EN = open, 25 °C (switch Off to On)
2.5
-
-
UVLO Hysteresis
UVLOHYS
EN = open, 25 °C
-
0.25
-
Quiescent Current
IQ
VIN = 1.8 V, EN = active
-35
50
μA
VIN = 2.5 V, EN = active
-54
90
VIN = 3.6 V, EN = active
-
78
110
VIN = 4.3 V, EN = active
-
93
130
VIN = 5 V, EN = active
-
110
180
Off Supply Current
IQ(off)
EN = inactive, OUT = open
-
8
18
Off Switch Current
IDS(off)
EN = inactive, OUT = GND
-
-
1
Reverse Blocking Current
IRB
VOUT = 5 V, VIN = 0 V, VEN = inactive
--
10
On-Resistance
RDS(on)
VIN = 1.8 V, IL = 500 mA, TA = 25 °C
-38
43
m
VIN = 2.5 V, IL = 500 mA, TA = 25 °C
-38
43
VIN = 3.6 V, IL = 500 mA, TA = 25 °C
-38
43
VIN = 4.3 V, IL = 500 mA, TA = 25 °C
-38
43
VIN = 5 V, IL = 500 mA, TA = 25 °C
-38
43
On-Resistance Temp.-Coefficient
TCRDS
-
3100
-
ppm/°C
EN Input Low Voltage c
VIL
VIN = 1.8 V to 5.5 V
--
0.7 d
V
EN Input High Voltage c
VIH
1.15 d
--
EN Input Leakage
ISINK
VEN = 5.5 V
-6
-
6
μA
Output Pulldown Resistance
RPD
EN = inactive, TA = 25 °C (for SiP32449 only)
-
210
280
Output Turn-On Delay Time
td(on)
VIN = 3.6 V, Rload = 10 , TA = 25 °C
-1.35
-
ms
Output Turn-On Rise Time
t(on)
11.7
3.8
Output Turn-Off Delay Time
td(off)
--
0.005
PIN DESCRIPTION
Pin Number
Name
Function
1
IN
This is the input pin of the switch
2
GND
Ground connection
3
EN
Enable input
4
OUT
This is the output pin of the switch
4
3
1
2
Bottom View
OUT
EN
IN
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com