Electronic Components Datasheet Search
  English  ▼

X  

SIP32467 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32467
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32467 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32467 Datasheet HTML 1Page - Vishay Siliconix SIP32467 Datasheet HTML 2Page - Vishay Siliconix SIP32467 Datasheet HTML 3Page - Vishay Siliconix SIP32467 Datasheet HTML 4Page - Vishay Siliconix SIP32467 Datasheet HTML 5Page - Vishay Siliconix SIP32467 Datasheet HTML 6Page - Vishay Siliconix SIP32467 Datasheet HTML 7Page - Vishay Siliconix SIP32467 Datasheet HTML 8Page - Vishay Siliconix SIP32467 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SiP32467, SiP32468
www.vishay.com
Vishay Siliconix
S14-0843-Rev. B, 28-Apr-14
2
Document Number: 67757
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 2 - WCSP 2 x 2 Package
ORDERING INFORMATION
PART NUMBER
PACKAGE
ton
(μs)
RDISCHARGE
MARK CODE
TEMPERATURE RANGE
SiP32467DB-T2-GE1
WCSP4 (2x2)
0.4 mm Pitch
300
No
AJ
-40 °C to +85 °C
SiP32468DB-T2-GE1
WCSP4 (2x2)
0.4 mm Pitch
300
Yes
AK
-40 °C to +85 °C
DEVICE MARKING
Row 1
Dot + W
: Dot is A1 locator plus week code
Row 2
AB
: Mark code for part number
SiP32467 = AJ
SiP32468 = AK
PIN DESCRIPTION (WSCP Package)
PIN#
NAME
FUNCTION
A1
OUT
Switch output
A2
IN
Switch input
B1
GND
Ground connection
B2
EN
Switch on/off control. A pull up resistor is integrated
TRUTH TABLE
EN
SWITCH
1OFF
0ON
A
B
GND
EN
OUT
IN
Index-Bump A1
W
D
A
12
OUT
IN
1
2
A
B
GND
EN
Backside
Bumpside



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com