Electronic Components Datasheet Search
  English  ▼

X  

SIP32467 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP32467
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32467 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP32467 Datasheet HTML 1Page - Vishay Siliconix SIP32467 Datasheet HTML 2Page - Vishay Siliconix SIP32467 Datasheet HTML 3Page - Vishay Siliconix SIP32467 Datasheet HTML 4Page - Vishay Siliconix SIP32467 Datasheet HTML 5Page - Vishay Siliconix SIP32467 Datasheet HTML 6Page - Vishay Siliconix SIP32467 Datasheet HTML 7Page - Vishay Siliconix SIP32467 Datasheet HTML 8Page - Vishay Siliconix SIP32467 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SiP32467, SiP32468
www.vishay.com
Vishay Siliconix
S14-0843-Rev. B, 28-Apr-14
4
Document Number: 67757
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BLOCK DIAGRAM
Fig. 3 - Functional Block Diagram
ON/OFF LOGIC
EN Input Low Voltage
VIL
VIN = 1.5 V
0.4
-
-
V
EN Input High Voltage
VIH
VIN = 5.5 V
-
-
1
SWITCHING SPEED
Switch Turn-ON Delay Time
ton_DLY
RLOAD = 500
Ω , CL = 0.1 μF
VIN = 5 V
-130
-
μs
Switch Turn-ON Rise Time
tr
RLOAD = 500
Ω , CL = 0.1 μF
VIN = 5 V
-170
-
Switch Turn-OFF Delay Time
toff
RLOAD = 500
Ω, CL = 0.1 μF,
(50 % VIN to 90 % VOUT)
-2-
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITION
UNLESS OTHERWISE SPECIFIED
VIN = 1.2 V to 5.5 V, TA = -40 °C to 85 °C
LIMITS
UNIT
MIN.
TYP.
MAX.
for SiP32468 only
Control
Logic
Charge
Pump
Turn On
Slew Rate
Control
Reverse
Blocking
IN
EN
OUT
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com