Electronic Components Datasheet Search
  English  ▼

X  

SIP32472 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32472
Description  46 m ohm, Slew Rate Controlled Load Switch in uDFN4 1.1 mm x 1.1 mm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32472 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32472 Datasheet HTML 1Page - Vishay Siliconix SIP32472 Datasheet HTML 2Page - Vishay Siliconix SIP32472 Datasheet HTML 3Page - Vishay Siliconix SIP32472 Datasheet HTML 4Page - Vishay Siliconix SIP32472 Datasheet HTML 5Page - Vishay Siliconix SIP32472 Datasheet HTML 6Page - Vishay Siliconix SIP32472 Datasheet HTML 7Page - Vishay Siliconix SIP32472 Datasheet HTML 8Page - Vishay Siliconix SIP32472 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiP32472
www.vishay.com
Vishay Siliconix
S13-1349-Rev. B, 03-Jun-13
1
Document Number: 62512
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
46 m
, Slew Rate Controlled Load Switch
in uDFN4 1.1 mm x 1.1 mm
DESCRIPTION
The SiP32472 is a slew rate controlled integrated high side
load switch that operates in the input voltage range from
1.2 V to 5.5 V.
This design features slew rate control, reverse blocking,
output discharge, and control logic pull down. The device is
logic high enabled.
The SiP32472 is available in uDFN4 1.1 mm x 1.1 mm
package.
FEATURES
• Low input voltage, 1.2 V to 5.5 V
•Low Ron, 46 m/typ. at 5 V
•Slew rate control
• Low logic control
• Reverse current blocking when disabled
• Integrated output discharge switch
• Integrated pull down resistor at “EN”
• uDFN4 1.1 mm x 1.1 mm package
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Smart phones
• GPS and portable media players
• Tablet computer
• Medical and healthcare equipment
• Industrial and instrument
• Game console
TYPICAL APPLICATION CIRCUIT
Fig. 1 - Typical Application Circuit
Available
DEVICE OPTIONS
PART NUMBER
Ron
(m
)
ton
(μs)
td(off)
REVERSE
BLOCKING
RDISCHARGE
ENLOGIC
EN/PULL
DOWN
RESISTOR
(
)
SiP32472DN-T1-GE3
46
200
2
Y
Y
High enable
2 M
SiP32472
IN
VOUT
OUT
VIN
GND
GND
GND
EN
EN
CIN
COUT


Similar Part No. - SIP32472

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32475 VISHAY-SIP32475 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
SIP32475 VISHAY-SIP32475 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
SIP32475DN-T1-GE4 VISHAY-SIP32475DN-T1-GE4 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
SIP32475DN-T1-GE4 VISHAY-SIP32475DN-T1-GE4 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
SIP32475 VISHAY-SIP32475_V01 Datasheet
1Mb / 13P
47 mΩ, 1.2 V to 5.5 V, Low Quiescent Current Load Switch in Ultra Thin μDFN-4
06-Jul-2020
More results

Similar Description - SIP32472

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32458 VISHAY-SIP32458_13 Datasheet
215Kb / 11P
20 m, Slew Rate Controlled Load Switch in WCSP6
12-Nov-12
SIP32460 VISHAY-SIP32460 Datasheet
495Kb / 16P
50 m, Slew Rate Controlled Load Switch in WCSP
03-Jun-13
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-May-13
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
29-Feb-16
SIP32508 VISHAY-SIP32508_V01 Datasheet
274Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32458 VISHAY-SIP32458_V01 Datasheet
241Kb / 11P
20 mΩ, Slew Rate Controlled Load Switch in WCSP6
06-Jul-2020
SIP32462 VISHAY-SIP32462 Datasheet
632Kb / 15P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com