Electronic Components Datasheet Search
  English  ▼

X  

SIP32472 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32472
Description  46 m ohm, Slew Rate Controlled Load Switch in uDFN4 1.1 mm x 1.1 mm
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32472 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32472 Datasheet HTML 1Page - Vishay Siliconix SIP32472 Datasheet HTML 2Page - Vishay Siliconix SIP32472 Datasheet HTML 3Page - Vishay Siliconix SIP32472 Datasheet HTML 4Page - Vishay Siliconix SIP32472 Datasheet HTML 5Page - Vishay Siliconix SIP32472 Datasheet HTML 6Page - Vishay Siliconix SIP32472 Datasheet HTML 7Page - Vishay Siliconix SIP32472 Datasheet HTML 8Page - Vishay Siliconix SIP32472 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SiP32472
www.vishay.com
Vishay Siliconix
S13-1349-Rev. B, 03-Jun-13
3
Document Number: 62512
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 2 - uDFN 1.1 mm x 1.1 mm Package
SWITCHING SPEED
Switch Turn-ON Delay Time
ton_DLY
RLOAD = 500  , CL = 0.1 μF
VIN = 5 V
-
130
-
μs
Switch Turn-ON Rise Time
tr
RLOAD = 500  , CL = 0.1 μF
VIN = 5 V
-
170
-
Switch Turn-OFF Delay Time
toff
RLOAD = 500 , CL = 0.1 μF,
(50 % VIN to 90 % VOUT)
-2-
PIN DESCRIPTION (uDFN PACKAGE)
PIN#
NAME
FUNCTION
1
EN
Switch on/off control. A pull down resistor is integrated
2
IN
Switch input
3
OUT
Switch output
4
GND
Ground connection
DEVICE MARKING
Row 1
C + W
: W = week code
Row 2
Dot
: Dot is Pin 1 locator
SiP32472 = C
TRUTH TABLE
EN
SWITCH
1ON
0OFF
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITION UNLESS SPECIFIED
VIN = 1.2 V to 5.5 V, TA = - 40 °C to 85 °C
(Typical values are at 25 °C)
LIMITS
UNIT
MIN.
TYP.
MAX.
Bottom View
23
14
OUT
GND
IN
EN
Pin 1 Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com