Electronic Components Datasheet Search
  English  ▼

X  

MP7543SD Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7543SD
Description  5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7543SD Datasheet(HTML) 2 Page - Exar Corporation

  MP7543SD Datasheet HTML 1Page - Exar Corporation MP7543SD Datasheet HTML 2Page - Exar Corporation MP7543SD Datasheet HTML 3Page - Exar Corporation MP7543SD Datasheet HTML 4Page - Exar Corporation MP7543SD Datasheet HTML 5Page - Exar Corporation MP7543SD Datasheet HTML 6Page - Exar Corporation MP7543SD Datasheet HTML 7Page - Exar Corporation MP7543SD Datasheet HTML 8Page - Exar Corporation MP7543SD Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP7543
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Ceramic Dip
MP7543AD
Ceramic Dip
MP7543BD
Ceramic Dip
MP7543TD*
Plastic Dip
MP7543JN
Plastic Dip
MP7543KN
PLCC
MP7543JP
PLCC
MP7543KP
–40 to +85
°C
–40 to +85
°C
–55 to +125
°C
SOIC
MP7543JS
SOIC
MP7543KS
+1
+1
+1
+1
+1/2
+1/2
+1/2
+1/2
+1/2
+2
+2
+2
+2
+1
+1
+1
+1
+1
+14.5
+14.5
+14.5
+14.5
+14.5
+14.5
+14.5
+14.5
+14.5
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
Ceramic Dip
MP7543SD*
–55 to +125
°C
+1+2+14.5
INL
(LSB)
Gain Error
(LSB)
DNL
(LSB)
*Contact factory for non-compliant military processing
PIN CONFIGURATIONS
See Packaging Section for
Package Dimensions
AGND
STB1
N/C
SRI
STB2
DGND
STB4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16 Pin CDIP, PDIP (0.300”)
D16, N16
3
2
1
20
19
9
1011
1213
4
5
6
7
8
18
17
16
15
14
20 Pin PLCC
P20
RFB
VREF
VDD
16
1
9
8
2
3
4
5
6
7
15
14
13
12
11
10
See
Pin Out
at Left
16 Pin SOIC (Jedec, 0.300”)
S16
AGND
STB1
SRI
STB2
STB4
DGND
VDD
VREF
RFB
N/C
N/C
N/C
N/C
N/C
IOUT1
IOUT2
IOUT1
IOUT2
CLR
LD1
LD2
STB3
LD2
STB3
CLR
LD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com