Electronic Components Datasheet Search
  English  ▼

X  

MP7543SD Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7543SD
Description  5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7543SD Datasheet(HTML) 3 Page - Exar Corporation

  MP7543SD Datasheet HTML 1Page - Exar Corporation MP7543SD Datasheet HTML 2Page - Exar Corporation MP7543SD Datasheet HTML 3Page - Exar Corporation MP7543SD Datasheet HTML 4Page - Exar Corporation MP7543SD Datasheet HTML 5Page - Exar Corporation MP7543SD Datasheet HTML 6Page - Exar Corporation MP7543SD Datasheet HTML 7Page - Exar Corporation MP7543SD Datasheet HTML 8Page - Exar Corporation MP7543SD Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP7543
3
Rev. 2.00
1
N/C
No Connection.
2IOUT1
DAC current output pin. Normally
terminated at op amp virtual ground.
3IOUT2
DAC current output pin. Normally
terminated at AGND.
4
AGND
Analog Ground.
5
STB1
Register A Strobe 1 input,
See Table 1.
6
N/C
No Connection.
7
LD1
DAC Register B Load 1 input. When
LD1 and LD2 go low the contents of
Register A are loaded into DAC
Register B.
8
N/C
No Connection.
9
SR1
Serial Data Input to Register A.
10
STB2
Register A Strobe 2 input,
See Table 1.
11
N/C
No Connection.
12
LD2
DAC Register B Load 2 input. When
LD1 and LD2 go low the contents of
Register A are loaded into DAC
Register B.
13
STB3
Register A Strobe 3 input,
See Table 1.
14
STB4
Register A Strobe 4 input,
See Table 1.
15
DGND
Digital Ground.
16
N/C
No Connection.
17
CLR
Register B CLEAR input (active
LOW), can be used to asynchronously
reset Register B to 0000 0000 0000.
18
VDD
+5 V Supply Input.
19
VREF
Reference input. Can be positive or
negative DC voltage or AC signal.
20
RFB
DAC Feedback Resistor.
PIN OUT DEFINITIONS
1IOUT1
DAC current output pin. Normally
terminated at op amp virtual ground.
2IOUT2
DAC current output pin. Normally
terminated at AGND.
3
AGND
Analog Ground.
4
STB1
Register A Strobe 1 input,
See Table 1.
5
LD1
DAC Register B Load 1 input. When
LD1 and LD2 go low the contents of
Register A are loaded into DAC
Register B.
6
N/C
No Connection.
7
SRI
Serial Data Input to Register A.
8
STB2
Register A Strobe 2 input,
See Table 1.
9
LD2
DAC Register B Load 2 input. When
LD1 and LD2 go low the contents of
Register A are loaded into DAC
Register B.
10
STB3
Register A Strobe 3 input,
See Table 1.
11
STB4
Register A Strobe 4 input,
See Table 1.
12
DGND
Digital Ground.
13
CLR
Register B CLEAR input (active
LOW), can be used to asynchronously
reset Register B to 0000 0000 0000.
14
VDD
+5 V Supply Input.
15
VREF
Reference input. Can be positive or
negative DC voltage or AC signal.
16
RFB
DAC Feedback Resistor.
PIN NO.
NAME
DESCRIPTION
PIN NO.
NAME
DESCRIPTION
PDIP, CDIP and SOIC
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com