Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TSP004V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TSP004V2
Description  RoHs compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TSP004V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TSP004V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 2015
DocID027712 Rev 1
1/7
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-TSP004V2
PoE 5 V - 4 A PD converter based on the PM8803 IEEE802.3at
compliant synchronous flyback controller
Data brief
Features
IEEE 802.3at compliant PD interface
Works with power supplied from Ethernet
LAN cables or from local auxiliary sources
Line Input voltage range: 40 VDC to 60 VDC
Output voltage: 5 VDC ± 5%
Output current: 4 A
Peak-to-peak output ripple: < 30 mV
Efficiency DC-DC full-load: > 92%
Overall peak efficiency: > 89%
Transient response ΔVOUTPK-PK to 50% load
step: < 170 mV
ΔV in load line case: < 0.5%
RoHs compliant
Description
The STEVAL-TSP004V2 is a reference design
for a PoE+, high-efficiency, 5 V - 4 A flyback
converter based on the PM8803 PoE controller.
The PM8803 is a highly integrated device
embedding an IEEE802.3at-compliant powered
device (PD) interface together with a PWM
controller and support for auxiliary sources.
The STEVAL-TSP004V2 reference design is
based on an isolated flyback topology CCM
converter featuring synchronous rectification with
gate driver transformer.


Similar Part No. - STEVAL-TSP004V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TSP001V1 STMICROELECTRONICS-STEVAL-TSP001V1 Datasheet
94Kb / 4P
Respects source limitations
27-Aug-2008
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
IEEE 802.3af compliant PD interface
30-May-2014
STEVAL-TSP006V2 STMICROELECTRONICS-STEVAL-TSP006V2 Datasheet
320Kb / 7P
IEEE 802.3af compliant PD interface
30-May-2014
STEVAL-TSP009V2 STMICROELECTRONICS-STEVAL-TSP009V2 Datasheet
311Kb / 7P
IEEE 802.3at compliant PD interface
24-Apr-2015
More results

Similar Description - STEVAL-TSP004V2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com