Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-TSP004V2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-TSP004V2
Description  RoHs compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TSP004V2 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-TSP004V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-TSP004V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Detailed description
STEVAL-TSP004V2
4/7
DocID027712 Rev 1
2
Detailed description
The PM8803 evaluation board, STEVAL-TSP004V2, has been designed to cover a broad
range of Power over Ethernet (PoE) applications. The PM8803 is a highly integrated device
embedding an IEEE802.3af/at-compliant powered device (PD) interface together with a
PWM controller and support for auxiliary sources. Although the PM8803 can be configured
to work in several isolated topologies (self-driven or transformer gate-driven), the focus
here is on a high-efficiency isolated flyback converter topology with synchronous
rectification, 5 V output voltage with 4 A output current capability.
Auxiliary sources can be connected to the board on 2 different input connectors. One input
(AUX II) allows prevalence of the auxiliary sources with respect to the PoE, while the other
input (AUX I) allows the use of a wall adapter with voltage lower than the internal PoE
UVLO threshold, while still benefitting from the inherent inrush and DC current limit. The
possible configurations supported by the PM8803 evaluation board as options on the same
PCB are:
Input diode bridges; 4 possible options, including active bridges
Optional 4-pair detection circuit, to detect a high power PSE source
Optional booster circuit, to increase the max input current over 800 mA
Diode or synchronous rectification; 4 package options for diode and 3 package options
for MOSFET
Primary side snubber; 3 options including active clamp
Power transformer; 3 size options for transformer gate-driven solutions and 2 size
options for self-driven applications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com