Electronic Components Datasheet Search
  English  ▼

X  

STL140N6F7 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STL140N6F7
Description  N-channel 60 V, 2.4 mΩ typ., 140 A STripFET™F7 Power MOSFET in a PowerFLAT™5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL140N6F7 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STL140N6F7 Datasheet HTML 5Page - STMicroelectronics STL140N6F7 Datasheet HTML 6Page - STMicroelectronics STL140N6F7 Datasheet HTML 7Page - STMicroelectronics STL140N6F7 Datasheet HTML 8Page - STMicroelectronics STL140N6F7 Datasheet HTML 9Page - STMicroelectronics STL140N6F7 Datasheet HTML 10Page - STMicroelectronics STL140N6F7 Datasheet HTML 11Page - STMicroelectronics STL140N6F7 Datasheet HTML 12Page - STMicroelectronics STL140N6F7 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STL140N6F7
Package information
DocID025086 Rev 5
9/13
Table 8: PowerFLAT™ 5x6 type C package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.80
1.00
A1
0.02
0.05
A2
0.25
b
0.30
0.50
C
5.80
6.00
6.20
D
5.00
5.20
5.40
D2
4.15
4.45
D3
4.05
4.20
4.35
D4
4.80
5.00
5.20
D5
0.25
0.40
0.55
D6
0.15
0.30
0.45
e
1.27
E
5.95
6.15
6.35
E2
3.50
3.70
E3
2.35
2.55
E4
0.40
0.60
E5
0.08
0.28
E6
0.20
0.325
0.45
E7
0.75
0.90
1.05
K
1.05
1.35
L
0.725
1.025
L1
0.05
0.15
0.25
θ
0°
12°
Figure 20
: PowerFLAT™ 5x6 recommended footprint (dimensions are in mm)
8231817_FOOTPRINT_simp_Rev_15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com