Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 170 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 170 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 166Page - Texas Instruments AM3703 Datasheet HTML 167Page - Texas Instruments AM3703 Datasheet HTML 168Page - Texas Instruments AM3703 Datasheet HTML 169Page - Texas Instruments AM3703 Datasheet HTML 170Page - Texas Instruments AM3703 Datasheet HTML 171Page - Texas Instruments AM3703 Datasheet HTML 172Page - Texas Instruments AM3703 Datasheet HTML 173Page - Texas Instruments AM3703 Datasheet HTML 174Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 6-7. GPMC/NOR Flash Timing Requirements
—Asynchronous Mode(7)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
FA5(1)
tacc(d)
Data access time
H(5)
H(5)
ns
FA20(3)
tacc1-pgmode(d)
Page mode successive data access time
P(4)
P(4)
ns
FA21(2)
tacc2-pgmode(d)
Page mode first data access time
H(5)
H(5)
ns
(1) The FA5 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC functional
clock cycles. From start of read cycle and after FA5 functional clock cycles, input data is internally sampled by active functional clock
edge. FA5 value must be stored inside the AccessTime register bit field.
(2) The FA21 parameter illustrates amount of time required to internally sample first input page data. It is expressed in number of GPMC
functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input page data is internally sampled by
active functional clock edge. FA21 value must be stored inside the AccessTime register bit field.
(3) The FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of
GPMC functional clock cycles. After each access to input page data, next input page data is internally sampled by active functional clock
edge after FA20 functional clock cycles. The FA20 value must be stored in the PageBurstAccessTime register bit field.
(4) P = PageBurstAccessTime * (TimeParaGranularity + 1) * GPMC_FCLK(6)
(5) H = AccessTime * (TimeParaGranularity + 1) * GPMC_FCLK(6)
(6) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(7) See Section 4.3.4, Processor Clocks.
Table 6-8. GPMC/NOR Flash Switching Characteristics
—Asynchronous Mode(16)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
tR(d)
Rise time, output data gpmc_d[15:0]
2
2
ns
tF(d)
Fall time, output data gpmc_d[15:0]
2
2
ns
FA0
tw(nbeV)
Pulse duration, output lower-byte
Read
N(12)
N(12)
ns
enable/command latch enable
Write
N(12)
N(12)
gpmc_nbe0_cle, output
upper-byte enable gpmc_nbe1
valid time
FA1
tw(ncsV)
Pulse duration, output chip select
Read
A(1)
A(1)
ns
gpmc_ncsx(13) low
Write
A(1)
A(1)
FA3
td(ncsV-nadvIV)
Delay time, output chip select
Read
B(2)
– 0.2
B(2) + 2.0
B(2)
– 0.2
B(2) + 2.6
ns
gpmc_ncsx(13) valid to output
Write
B(2)
– 0.2
B(2) + 2.0
B(2)
– 0.2
B(2) + 2.6
address valid/address latch
enable gpmc_nadv_ale invalid
FA4
td(ncsV-noeIV)
Delay time, output chip select gpmc_ncsx(13)
C(3)
– 0.2
C(3) + 2.0
C(3)
– 0.2
C(3) + 2.6
ns
valid to output enable gpmc_noe invalid
(Single read)
FA9
td(aV-ncsV)
Delay time, output address gpmc_a[27:1] valid
J(9)
– 0.2
J(9) + 2.0
J(9)
– 0.2
J(9) + 2.6
ns
to output chip select gpmc_ncsx(13) valid
FA10
td(nbeV-ncsV)
Delay time, output lower-byte
J(9)
– 0.2
J(9) + 2.0
J(9)
– 0.2
J(9) + 2.6
ns
enable/command latch enable
gpmc_nbe0_cle, output upper-byte enable
gpmc_nbe1 valid to output chip select
gpmc_ncsx(13) valid
FA12
td(ncsV-nadvV)
Delay time, output chip select gpmc_ncsx(13)
K(10)
– 0.2
K(10) + 2.0
K(10)
– 0.2
K(10) + 2.6
ns
valid to output address valid/address latch
enable gpmc_nadv_ale valid
FA13
td(ncsV-noeV)
Delay time, output chip select gpmc_ncsx(13)
L(11)
– 0.2
L(11) + 2.0
L (11)
– 0.2
L(11) + 2.6
ns
valid to output enable gpmc_noe valid
FA14
td(ncsV-iodir)
Delay time, output chip select gpmc_ncsx(13)
L(11)
– 0.2
L(11) + 2.0
L(11)
– 0.2
L(11) + 2.6
ns
valid to output IO direction control gpmc_io_dir
high
FA15
td(ncsV-iodir)
Delay time, output chip select gpmc_ncsx(13)
M(14)
– 0.2 M(14) + 2.0 M(14) – 0.2 M(14) + 2.6
ns
valid to output IO direction control gpmc_io_dir
low
170
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com