Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 93Page - Texas Instruments AM3703 Datasheet HTML 94Page - Texas Instruments AM3703 Datasheet HTML 95Page - Texas Instruments AM3703 Datasheet HTML 96Page - Texas Instruments AM3703 Datasheet HTML 97Page - Texas Instruments AM3703 Datasheet HTML 98Page - Texas Instruments AM3703 Datasheet HTML 99Page - Texas Instruments AM3703 Datasheet HTML 100Page - Texas Instruments AM3703 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
2.5.2
Video Interfaces
Table 2-7. Video Interfaces
– CAM Signals Description
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
cam_hs
Camera Horizontal Synchronization
IO
A24
C23
A22
cam_vs
Camera Vertical Synchronization
IO
A23
D23
E18
cam_xclka
Camera Clock Output a
O
C25
C25
B22
cam_xclkb
Camera Clock Output b
O
B26
E25
C22
cam_d0
Camera digital image data bit 0
I
AG17
AE16
AB18
cam_d1
Camera digital image data bit 1
I
AH17
AE15
AC18
cam_d2
Camera digital image data bit 2
I
B24
A24
G19
cam_d3
Camera digital image data bit 3
I
C24
B24
F19
cam_d4
Camera digital image data bit 4
I
D24
D24
G20
cam_d5
Camera digital image data bit 5
I
A25
C24
B21
cam_d6
Camera digital image data bit 6
I
K28
P25
L24
cam_d7
Camera digital image data bit 7
I
L28
P26
K24
cam_d8
Camera digital image data bit 8
I
K27
N25
J23
cam_d9
Camera digital image data bit 9
I
L27
N26
K23
cam_d10
Camera digital image data bit 10
I
B25
D25
F21
cam_d11
Camera digital image data bit 11
I
C26
E26
G21
cam_fld
Camera field identification
IO
C23
B23
H24
cam_pclk
Camera pixel clock
I
C27
C26
J19
cam_wen
Camera Write Enable
I
B23
A23
F18
cam_strobe
Flash strobe control signal
O
D25
D26
J20
cam_global_reset
Global reset is used strobe
IO
C23 / AH3 / AA21
B23/M3/V17
H24/ AA2/ AB20
synchronization
cam_shutter
Mechanical shutter control signal
O
B23 / AF3 / T21
A23 / T19/ L3
F18/ Y2/ AA18
NOTE
For more information, see Display Subsystem / Display Subsystem Environment section of
the AM/DM37x Multimedia Device Technical Reference Manual (literature number
SPRUGN4).
Table 2-8. Video Interfaces
– DSS Signals Description
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
dss_pclk
LCD Pixel Clock
O
D28
G25
G22
dss_hsync
LCD Horizontal Synchronization
O
D26
K24
E22
dss_vsync
LCD Vertical Synchronization
O
D27
M25
F22
dss_acbias
AC bias control (STN) or pixel data enable (TFT) output
O
E27
F26
J21
dss_data0
LCD Pixel Data bit 0
O
AG22 / H26
AE21 / M24
AC19 / G24
dss_data1
LCD Pixel Data bit 1
O
AH22 / H25
AE22 / M26
AB19 / H23
dss_data2
LCD Pixel Data bit 2
O
AG23 / E28
AE23 / F25
AD20 / D23
dss_data3
LCD Pixel Data bit 3
O
AH23 / J26
AE24 / N24
AC20 / K22
dss_data4
LCD Pixel Data bit 4
O
AG24 / AC27
AD23 / AC25
AD21 / V21
dss_data5
LCD Pixel Data bit 5
O
AH24 / AC28
AD24 / AB25
AC21 / W21
dss_data6
LCD Pixel Data bit 6
O
E26
G26
D24
dss_data7
LCD Pixel Data bit 7
O
F28
H25
E23
dss_data8
LCD Pixel Data bit 8
O
F27
H26
E24
dss_data9
LCD Pixel Data bit 9
O
G26
J26
F23
dss_data10
LCD Pixel Data bit 10
O
AD28
AC26
AC22
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
97
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com