Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 98 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 94Page - Texas Instruments AM3703 Datasheet HTML 95Page - Texas Instruments AM3703 Datasheet HTML 96Page - Texas Instruments AM3703 Datasheet HTML 97Page - Texas Instruments AM3703 Datasheet HTML 98Page - Texas Instruments AM3703 Datasheet HTML 99Page - Texas Instruments AM3703 Datasheet HTML 100Page - Texas Instruments AM3703 Datasheet HTML 101Page - Texas Instruments AM3703 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
Table 2-8. Video Interfaces
– DSS Signals Description (continued)
SIGNAL NAME
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
[1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
dss_data11
LCD Pixel Data bit 11
O
AD27
AD26
AC23
dss_data12
LCD Pixel Data bit 12
O
AB28
AA25
AB22
dss_data13
LCD Pixel Data bit 13
O
AB27
Y25
Y22
dss_data14
LCD Pixel Data bit 14
O
AA28
AA26
W22
dss_data15
LCD Pixel Data bit 15
O
AA27
AB26
V22
dss_data16
LCD Pixel Data bit 16
O
G25
L25
J22
dss_data17
LCD Pixel Data bit 17
O
H27
L26
G23
dss_data18
LCD Pixel Data bit 18
O
H26 / AH26
M24 / F3
G24 / AB12
dss_data19
LCD Pixel Data bit 19
O
H25 / AG26
M26 / D3
H23 / AC16
dss_data20
LCD Pixel Data bit 20
O
E28 / AF18
F25 / E3
D23 / AD18
dss_data21
LCD Pixel Data bit 21
O
J26 / AF19
N24 / E4
K22 / AC17
dss_data22
LCD Pixel Data bit 22
O
AC27 / AE21
AC25 / G23
V21 / AB16
dss_data23
LCD Pixel Data bit 23
O
AC28 / AF21
AB25 / D4
W21 / AA15
Table 2-9. Video Interfaces
– RFBI Signals Description
SIGNAL
DESCRIPTION [2]
TYPE [3]
BALL BOTTOM
BALL BOTTOM
BALL BOTTOM
SUBSYSTEM PIN
NAME [1]
(CBP Pkg.) [4]
(CBC Pkg.) [4]
(CUS Pkg.) [4]
MULTIPLEXING [6]
rfbi_a0
RFBI command/data control
O
E27
F26
J21
dss_acbias
rfbi_cs0
1st LCD chip select
O
D26
K24
E22
dss_hsync
rfbi_da0
RFBI data bus 0
IO
AG22 / H26
AE21 / M24
AC19 / G24
dss_data0
rfbi_da1
RFBI data bus 1
IO
AH22 / H25
AE22 / M26
AB19 / H23
dss_data1
rfbi_da2
RFBI data bus 2
IO
AG23 / E28
AE23 / F25
AD20 / D23
dss_data2
rfbi_da3
RFBI data bus 3
IO
AH23 / J26
AE24 / N24
AC20 / K22
dss_data3
rfbi_da4
RFBI data bus 4
IO
AG24 / AC27
AD23 / AC25
AD21 / V21
dss_data4
rfbi_da5
RFBI data bus 5
IO
AH24 / AC28
AD24 / AB25
AC21 / W21
dss_data5
rfbi_da6
RFBI data bus 6
IO
E26
G26
D24
dss_data6
rfbi_da7
RFBI data bus 7
IO
F28
H25
E23
dss_data7
rfbi_da8
RFBI data bus 8
IO
F27
H26
E24
dss_data8
rfbi_da9
RFBI data bus 9
IO
G26
J26
F23
dss_data9
rfbi_da10
RFBI data bus 10
IO
AD28
AC26
AC22
dss_data10
rfbi_da11
RFBI data bus 11
IO
AD27
AD26
AC23
dss_data11
rfbi_da12
RFBI data bus 12
IO
AB28
AA25
AB22
dss_data12
rfbi_da13
RFBI data bus 13
IO
AB27
Y25
Y22
dss_data13
rfbi_da14
RFBI data bus 14
IO
AA28
AA26
W22
dss_data14
rfbi_da15
RFBI data bus 15
IO
AA27
AB26
V22
dss_data15
rfbi_rd
Read enable for RFBI
O
D28
G25
G22
dss_pclk
rfbi_wr
Write Enable for RFBI
O
D27
M25
F22
dss_vsync
rfbi_te_vsync
tearing effect removal and Vsync input
I
G25
L25
J22
dss_data16
0
from 1st LCD
rfbi_hsync0
Hsync for 1st LCD
I
H27
L26
G23
dss_data17
rfbi_te_vsync
tearing effect removal and Vsync input
I
H26 / AH26
M24 / F3
G24 / AB12
dss_data18
1
from 2nd LCD
rfbi_hsync1
Hsync for 2nd LCD
I
H25 / AG26
M26 / D3
H23 / AC16
dss_data19
rfbi_cs1
2nd LCD chip select
O
E28 / AF18
F25 / E3
D23 / AD18
dss_data20
98
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com