Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 178 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 178 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 174Page - Texas Instruments AM3703 Datasheet HTML 175Page - Texas Instruments AM3703 Datasheet HTML 176Page - Texas Instruments AM3703 Datasheet HTML 177Page - Texas Instruments AM3703 Datasheet HTML 178Page - Texas Instruments AM3703 Datasheet HTML 179Page - Texas Instruments AM3703 Datasheet HTML 180Page - Texas Instruments AM3703 Datasheet HTML 181Page - Texas Instruments AM3703 Datasheet HTML 182Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
6.4.1.3
GPMC/NAND Flash
—Asynchronous Mode
Table 6-10 and Table 6-11 assume testing over the recommended operating conditions and electrical
characteristic conditions below (see Figure 6-13 through Figure 6-16).
Table 6-9. GPMC/NAND Flash Timing Conditions
—Asynchronous Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tR
Input signal rise time
1.8
ns
tF
Input signal fall time
1.8
ns
Output Conditions
CLOAD
Output load capacitance(1)
16
pF
(1) The load setting of the IO buffer: LB0 = 0.
Table 6-10. GPMC/NAND Flash Internal Timing Parameters
—Asynchronous Mode(1) (2) (4)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
GNFI1
Delay time, output data gpmc_d[15:0] generation from internal
6.5
9.1
ns
functional clock GPMC_FCLK(3)
GNFI2
Delay time, input data gpmc_d[15:0] capture from internal
4.0
5.6
ns
functional clock GPMC_FCLK(3)
GNFI3
Delay time, output chip select gpmc_ncsx generation from
6.5
9.1
ns
internal functional clock GPMC_FCLK(3)
GNFI4
Delay time, output address valid/address latch enable
6.5
9.1
ns
gpmc_nadv_ale generation from internal functional clock
GPMC_FCLK(3)
GNFI5
Delay time, output lower-byte enable/command latch enable
6.5
9.1
ns
gpmc_nbe0_cle generation from internal functional clock
GPMC_FCLK(3)
GNFI6
Delay time, output enable gpmc_noe generation from internal
6.5
9.1
ns
functional clock GPMC_FCLK(3)
GNFI7
Delay time, output write enable gpmc_nwe generation from
6.5
9.1
ns
internal functional clock GPMC_FCLK(3)
GNFI8
Skew, functional clock GPMC_FCLK(3)
100
170
ps
(1) Internal parameters table must be used to calculate data access time stored in the corresponding CS register bit field.
(2) Internal parameters are referred to the GPMC functional internal clock which is not provided externally.
(3) GPMC_FCLK is general-purpose memory controller internal functional clock.
(4) See Section 4.3.4, Processor Clocks.
Table 6-11. GPMC/NAND Flash Timing Requirements
—Asynchronous Mode(4)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
GNF12(1)
tacc(d)
Access time, input data gpmc_d[15:0]
J(2)
J(2)
ns
(1) The GNF12 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of the read cycle and after GNF12 functional clock cycles, input data is internally sampled by the
active functional clock edge. The GNF12 value must be stored inside AccessTime register bit field.
(2) J = AccessTime * (TimeParaGranularity + 1) * GPMC_FCLK(3)
(3) GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(4) See Section 4.3.4, Processor Clocks.
178
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com