Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 203 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 203 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 199Page - Texas Instruments AM3703 Datasheet HTML 200Page - Texas Instruments AM3703 Datasheet HTML 201Page - Texas Instruments AM3703 Datasheet HTML 202Page - Texas Instruments AM3703 Datasheet HTML 203Page - Texas Instruments AM3703 Datasheet HTML 204Page - Texas Instruments AM3703 Datasheet HTML 205Page - Texas Instruments AM3703 Datasheet HTML 206Page - Texas Instruments AM3703 Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
6.5.2
Display Subsystem (DSS)
NOTE
For more information, see Display Subsystem chapter of the AM/DM37x Multimedia Device
Technical Reference Manual (literature number SPRUGN4).
The display subsystem (DSS) provides the logic to display the video frame from external (SDRAM) or
internal (SRAM) memory on an LCD panel or a TV set. The display subsystem integrates the following
elements:
•
Display controller (DISPC) module
•
Remote frame buffer interface (RFBI) module
•
NTSC/PAL video encoder
•
LCD display with:
– Parallel Interface
The two display supports can be active at the same time.
6.5.2.1
DSS
—Parallel Interface
In parallel interface, the paths of the display subsystem modules are the display controller and the RFBI.
The display controller has two I/O pad modes and could be in the following configuration:
•
Bypass mode (RFBI disabled), which implements the MIPI DPI protocol
•
RFBI mode (RFBI enabled), which implements MIPI DBI 2.0 type B protocol
For more information about MIPI DPI and MIPI DBI protocols, see the DSS chapter in the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
6.5.2.1.1 DSS
—Parallel Interface—Bypass Mode
Two types of LCD panel are supported:
•
Thin film transistor (TFT) or active matrix technology
•
Supertwisted nematic (STN) or passive matrix technology
Both configurations are discussed in the following paragraphs.
6.5.2.1.2 DSS
—Parallel Interface—Bypass Mode—TFT Mode
Table 6-36 assumes testing over the recommended operating conditions and electrical characteristic
conditions below (see Figure 6-30).
Table 6-35. DSS Timing Conditions
—TFT Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Output Condition
CLOAD
Output load capacitance(1)
10
pF
(1) Buffer strength configuration: LB0 = 1
Table 6-36. DSS Switching Characteristics
—TFT Mode(4)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
DL0
td(pclkA-hsync)
Delay time, output pixel clock dss_pclk active edge to
–4.215
4.215
–4.658
4.658
ns
output horizontal synchronization dss_hsync transition
DL1
td(pclkA-vsync)
Delay time, output pixel clock dss_pclk active edge to
–4.215
4.215
–4.658
4.658
ns
output vertical synchronization dss_vsync transition
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
203
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com