Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 213 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 213 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 209Page - Texas Instruments AM3703 Datasheet HTML 210Page - Texas Instruments AM3703 Datasheet HTML 211Page - Texas Instruments AM3703 Datasheet HTML 212Page - Texas Instruments AM3703 Datasheet HTML 213Page - Texas Instruments AM3703 Datasheet HTML 214Page - Texas Instruments AM3703 Datasheet HTML 215Page - Texas Instruments AM3703 Datasheet HTML 216Page - Texas Instruments AM3703 Datasheet HTML 217Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
Table 6-46. McBSP Output Clock Characteristics
—Normal Mode(4)
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
McBSP1
tc(CLK)
Cycle time, mcbsp1_clkx (multiplexing mode 0) /
48
24
MHz
mcbsp1_clkr (multiplexing mode 0
& 2)
McBSP2
tc(CLK)
Cycle time, mcbsp2_clkx (multiplexing mode 0)
48
24
MHz
McBSP3
tc(CLK)
Cycle time, mcbsp3_clkx
IO set 1
32
16
MHz
(multiplexing
mode 0)
IO set 2
48
24
(multiplexing
mode 1)
IO set 3
48
24
(multiplexing
mode 2)
McBSP4
tc(CLK)
Cycle time, mcbsp4_clkx
IO set 1
48
16
MHz
(multiplexing
mode 0)
IO set 3
32
16
(multiplexing
mode 2)
McBSP5
tc(CLK)
Cycle time, mcbsp5_clkx
IO set 2
32
16
MHz
(multiplexing
mode 1)
tW(CLKH)
Typical pulse duration, mcbsp1_clkr / mcbspx_clkx high(2)
0.5*P(1)
0.5*P(1)
ns
tW(CLKL)
Typical pulse duration, mcbsp1_clkr / mcbspx_clkx low(2)
0.5*P(1)
0.5*P(1)
ns
tdc(CLK)
Duty cycle error, mcbsp1_clkr / mcbspx_clkx(2)
–0.75
0.75
–0.75
0.75
ns
Jitter, mcbsp1_clkr / mcbspx_clkx(3) / mcbsp_clks
-0.40
0.40
-0.40
0.40
ns
(1) P = mcbspy_clkx(2) or mcbsp1_clkr output clock period in ns
(2) In mcbspy, y is equal to 1, 2, 3, 4, or 5.
(3) In mcbspx, x identifies the McBSP number: 1, 2, 3, 4, or 5.
(4) See Section 4.3.4, Processor Clocks.
6.6.1.1.1 Rising Edge as Activation Mode
6.6.1.1.1.1 Timing with Rising Edge as Activation Edge
—Receive Mode
Table 6-47. McBSP1, 2, and 3 (Sets #2 and #3) Timing Requirements
—Rising Edge and Receive Mode(1) (2)
NO.
PARAMETER
OPP100
OPP50
UNIT
MIN
MAX
MIN
MAX
B3
tsu(DRV-CLKAE)
Setup time, mcbspx_dr valid before
Master
4.36
8.63
ns
mcbsp1_clkr / mcbspx_clkx active edge
Slave
3.67
7.94
ns
B4
th(CLKAE-DRV)
Hold time, mcbspx_dr valid after
Master
1.01
1.01
ns
mcbsp1_clkr / mcbspx_clkx active edge
Slave
0.4
0.4
ns
B5
tsu(FSV-CLKAE)
Setup time, mcbsp1_fsr / mcbspx_fsx valid before
3.67
7.94
ns
mcbsp1_clkr / mcbspx_clkx active edge
B6
th(CLKAE-FSV)
Hold time, mcbsp1_fsr / mcbspx_fsx valid after
0.5
0.5
ns
mcbsp1_clkr / mcbspx_clkx active edge
Copyright
© 2010–2011, Texas Instruments Incorporated
Timing Requirements and Switching Characteristics
213
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com