Electronic Components Datasheet Search
  English  ▼

X  

AM3703 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3703 Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM3703 Datasheet HTML 125Page - Texas Instruments AM3703 Datasheet HTML 126Page - Texas Instruments AM3703 Datasheet HTML 127Page - Texas Instruments AM3703 Datasheet HTML 128Page - Texas Instruments AM3703 Datasheet HTML 129Page - Texas Instruments AM3703 Datasheet HTML 130Page - Texas Instruments AM3703 Datasheet HTML 131Page - Texas Instruments AM3703 Datasheet HTML 132Page - Texas Instruments AM3703 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
NOTE
•
Decoupling capacitors must be placed as closed as possible of the power ball. Choose
the ground located closest to the power pin for each decoupling capacitor. In case of
interconnecting powers, first insert the decoupling capacitor and then interconnect the
powers.
•
The decoupling capacitor value depends on the board characteristics.
3.5
Power-Up and Power-Down Sequences
This section provides the timing requirements for the device hardware signals.
NOTE
•
If the MMC dual voltages interfaces are used with 1.8-V or 3.0-V, then the power-up and
power-down sequences specified in the Figure 3-2 and Figure 3-3 must be followed
carefully to avoid any significant current consumption.
•
If the MMC dual voltages interfaces are used with 1.8-V only (3.0-V is never used), then
vdds_mmc1, vdds_x may be connected to the main power supply vdds so that they ramp
up together before vdd_core.
3.5.1
Power-Up Sequence
NOTE
For more information, see the Power, Reset, and Clock Management / PRCM Functional
Description / PRCM Reset Manager Functional Description / Reset Sequences of the
AM/DM37x Multimedia Device Technical Reference Manual (literature number SPRUGN4).
Figure 3-2 shows the power-up sequence.
Copyright
© 2010–2011, Texas Instruments Incorporated
Electrical Characteristics
129
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com