Electronic Components Datasheet Search
  English  ▼

X  

OPA191IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191IDBVT
Description  36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA191IDBVT Datasheet HTML 1Page - Texas Instruments OPA191IDBVT Datasheet HTML 2Page - Texas Instruments OPA191IDBVT Datasheet HTML 3Page - Texas Instruments OPA191IDBVT Datasheet HTML 4Page - Texas Instruments OPA191IDBVT Datasheet HTML 5Page - Texas Instruments OPA191IDBVT Datasheet HTML 6Page - Texas Instruments OPA191IDBVT Datasheet HTML 7Page - Texas Instruments OPA191IDBVT Datasheet HTML 8Page - Texas Instruments OPA191IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
1
2
3
4
14
13
12
11
OUTD
-
IND
+IND
V
-
OUTA
-
INA
+INA
V+
5
6
7
10
9
8
+INC
-
INC
OUTC
+INB
-
INB
OUTB
1
2
3
4
8
7
6
5
NC
(1)
V+
OUT
NC
(1)
NC
(1)
-IN
+IN
V-
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
3
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701A – DECEMEBER 2015 – REVISED APRIL 2016
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package: OPA191
5-Pin SOT
Top View
D and DGK Packages: OPA191
8-Pin SOIC and VSSOP
Top View
D and DGK Packages: OPA2191
8-Pin SOIC and VSSOP
Top View
D and PW Packages: OPA4191
14-Pin SOIC and TSSOP
Top View
(1)
NC = No internal connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com