Electronic Components Datasheet Search
  English  ▼

X  

OPA191IDBVT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # OPA191IDBVT
Description  36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA191IDBVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA191IDBVT Datasheet HTML 27Page - Texas Instruments OPA191IDBVT Datasheet HTML 28Page - Texas Instruments OPA191IDBVT Datasheet HTML 29Page - Texas Instruments OPA191IDBVT Datasheet HTML 30Page - Texas Instruments OPA191IDBVT Datasheet HTML 31Page - Texas Instruments OPA191IDBVT Datasheet HTML 32Page - Texas Instruments OPA191IDBVT Datasheet HTML 33Page - Texas Instruments OPA191IDBVT Datasheet HTML 34Page - Texas Instruments OPA191IDBVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
VCC
+
±
7.5k
100m
LOAD
ILOAD
360k
LM7705
5 V
VOUT
RSHUNT
RF
RG
OPA191
31
OPA191, OPA2191, OPA4191
www.ti.com
SBOS701A – DECEMEBER 2015 – REVISED APRIL 2016
Product Folder Links: OPA191 OPA2191 OPA4191
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The OPAx191 family offers outstanding dc precision and ac performance. These devices operate up to 36-V
supply rails and offer true rail-to-rail input/output, ultralow offset voltage and offset voltage drift, as well as
2-MHz bandwidth and high capacitive load drive. These features make the OPAx191 a robust, high-performance
operational amplifier for high-voltage industrial applications.
9.2 Typical Applications
9.2.1 Low-side Current Measurement
Figure 61 shows the OPA191 configured in a low-side current sensing application. For a full analysis of the
circuit shown in Figure 61 including theory, calculations, simulations, and measured data see the 0-1A, single-
supply, low-side, current sensing solutionTIPD129.
Figure 61. OPA191 in a Low-Side, Current-Sensing Application
9.2.1.1 Design Requirements
The design requirements for this design are:
•
Load current: 0 A to 1 A
•
Output voltage: 4.9 V
•
Maximum shunt voltage: 100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com