Electronic Components Datasheet Search
  English  ▼

X  

STYN875 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # STYN875
Description  Thyristor Discretes (SCRs)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

STYN875 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  STYN875 Datasheet HTML 1Page - Sirectifier Semiconductors STYN875 Datasheet HTML 2Page - Sirectifier Semiconductors STYN875 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
STYN875 thru STYN1875
Symbol
Test Conditions
Characteristic Values
Unit
V
VT
IT=75A; TVJ=25oC
1.60
VTO
For power-loss calculations only (TVJ=125oC)
0.80
V
rT
11
m
VD=6V;
TVJ=25oC
TVJ=-40oC
VGT
1.5
1.6
V
VD=6V;
TVJ=25oC
TVJ=-40oC
IGT
100
200
mA
VGD
TVJ=TVJM;
VD=2/3VDRM
0.2
V
IGD
10
mA
IH
TVJ=25oC; VD=6V; RGK=
100
mA
TVJ=25oC; tp=10us;
IG=0.3A; diG/dt=0.3A/us
150
mA
IL
DC current
RthJC
0.60
K/W
DC current
RthJH
0.80
K/W
a
Max. acceleration, 50 Hz
50
m/s2
IR, ID
TVJ=TVJM; VR=VRRM; VD=VDRM
5
mA
TVJ=25oC; VD=1/2VDRM
IG=0.3A; diG/dt=0.3A/us
tgd
2
us
typ.
Thyristor Discretes (SCRs)
0,01
0,1
1
200
250
300
350
400
450
0,5
1,0
1,5
2,0
0
20
40
60
80
100
ITSM
[A]
IT
[A]
2
3
4 5 6 7 8 910
1
100
1000
10000
I2t
[A2s]
VT [V]
Fig. 1 Forward characteristics
t [ms]
Fig. 3 I2t versus time (1-10 ms)
t [s]
Fig. 2 Surge overload current
T
VJ = 25°C
T
VJ = 125°C
T
VJ = 45°C
50 Hz, 80% V
RRM
T
VJ = 125°C
T
VJ = 45°C
V
R = 0 V
125°C
150°C
P2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com