Electronic Components Datasheet Search
  English  ▼

X  

STTH30L06-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH30L06-Y
Description  Low thermal resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30L06-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH30L06-Y Datasheet HTML 1Page - STMicroelectronics STTH30L06-Y Datasheet HTML 2Page - STMicroelectronics STTH30L06-Y Datasheet HTML 3Page - STMicroelectronics STTH30L06-Y Datasheet HTML 4Page - STMicroelectronics STTH30L06-Y Datasheet HTML 5Page - STMicroelectronics STTH30L06-Y Datasheet HTML 6Page - STMicroelectronics STTH30L06-Y Datasheet HTML 7Page - STMicroelectronics STTH30L06-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
October 2012
Doc ID 018925 Rev 1
1/8
8
STTH30L06-Y
Automotive Turbo 2 ultrafast high voltage rectifier
Datasheet
production data
Features
■ AEC-Q101 qualified
■ Ultrafast switching
■ Low reverse current
■ Low thermal resistance
■ Reduces switching and conduction losses
■ ECOPACK®2 compliant component (DO-247)
Description
The STTH30L06 uses ST Turbo 2 600 V
technology and is especially suited for use in
rectification and discontinuous mode PFC boost
diode for automotive applications.
Table 1.
Device summary
IF(AV)
30 A
VRRM
600 V
Tj
175 °C
VF (typ)
1.10 V
trr (max)
65 ns
K
A
A
K
A
D2PAK
STTH30L06GY
DO-247
STTH30L06WY
www.st.com


Similar Part No. - STTH30L06-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30L06-Y STMICROELECTRONICS-STTH30L06-Y Datasheet
300Kb / 13P
Automotive 600 V, 30 A low drop ultrafast diode
October 2020
STTH30L06-Y STMICROELECTRONICS-STTH30L06-Y_V01 Datasheet
300Kb / 13P
Automotive 600 V, 30 A low drop ultrafast diode
October 2020
More results

Similar Description - STTH30L06-Y

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com