Electronic Components Datasheet Search
  English  ▼

X  

STTH30L06-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH30L06-Y
Description  Low thermal resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30L06-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH30L06-Y Datasheet HTML 1Page - STMicroelectronics STTH30L06-Y Datasheet HTML 2Page - STMicroelectronics STTH30L06-Y Datasheet HTML 3Page - STMicroelectronics STTH30L06-Y Datasheet HTML 4Page - STMicroelectronics STTH30L06-Y Datasheet HTML 5Page - STMicroelectronics STTH30L06-Y Datasheet HTML 6Page - STMicroelectronics STTH30L06-Y Datasheet HTML 7Page - STMicroelectronics STTH30L06-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH30L06-Y
Characteristics
Doc ID 018925 Rev 1
3/8
Figure 1.
Conduction losses versus average
forward current
Figure 2.
Forward voltage drop versus
forward current
P(W)
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
T
δ=tp/T
tp
I
(A)
F(AV)
δ = 1
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
0
10
20
30
40
50
60
70
80
90
100
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
I
(A)
FM
V
(V)
FM
T =150°C
(typical values)
j
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
0
5
10
15
20
25
30
35
40
45
0
50
100
150
200
250
300
350
400
450
500
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =400V
T =125°C
R
j
Figure 5.
Reverse recovery time versus dIF/dt
(typical values)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values)
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
0
50
100
150
200
250
300
350
400
450
500
t (ns)
rr
dI /dt(A/µs)
F
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =400V
T =125°C
R
j
I =2 x I
F
F(AV)
0
500
1000
1500
2000
2500
3000
3500
0
100
200
300
400
500
Q (nC)
rr
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
V =400V
T =125°C
R
j
dI /dt(A/µs)
F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com