Electronic Components Datasheet Search
  English  ▼

X  

2SC2859 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC2859
Description  Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC2859 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SC2859 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC2859 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC2859 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SC2859 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
Silicon Epitaxial Planar Transistor
2SC2859
C100
www.gmicroelec.com
Rev.A
1
FEATURES
Power dissipation:PC=150mW.
Excellent hFE linearity:hFE(2)=25
(VCE=6V,IC=400mA).
Complementary to 2SA1182.
APPLICATIONS
Audio frequency general purpose amplifier applications.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
2SC2859
WO/WY/WG
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Dissipation
150
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +125
℃
Pb
Lead-free


Similar Part No. - 2SC2859

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2859 TOSHIBA-2SC2859 Datasheet
142Kb / 2P
TRANSISTOR (AUDIO FREQUENCY LOW POWER, DRIVER STAGE AMPLIFIER, SWITCHING APPLICATIONS)
logo
Galaxy Semi-Conductor H...
2SC2859 BILIN-2SC2859 Datasheet
161Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SC2859 KEXIN-2SC2859 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
SeCoS Halbleitertechnol...
2SC2859 SECOS-2SC2859 Datasheet
108Kb / 1P
NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC2859 HTSEMI-2SC2859 Datasheet
458Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2859

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com