Electronic Components Datasheet Search
  English  ▼

X  

PC8477B Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 46Page - National Semiconductor (TI) PC8477B Datasheet HTML 47Page - National Semiconductor (TI) PC8477B Datasheet HTML 48Page - National Semiconductor (TI) PC8477B Datasheet HTML 49Page - National Semiconductor (TI) PC8477B Datasheet HTML 50Page - National Semiconductor (TI) PC8477B Datasheet HTML 51Page - National Semiconductor (TI) PC8477B Datasheet HTML 52Page - National Semiconductor (TI) PC8477B Datasheet HTML 53Page - National Semiconductor (TI) PC8477B Datasheet HTML 54Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
70 Reference Section (Continued)
73 PC8477B INTERFACE IN A PC-AT
The PC8477B interface to the PC-AT bus is simple and re-
quires only an external address decoder All the microproc-
essor inputs and outputs of the PC8477B can be connected
directly to the peripheral bus due to the 12 mA sink capabili-
ty
Figure 7-1
shows the interface with the floppy drive
header and the signal connections to the AT bus The de-
sign will support 12 Meg 144 Meg and 288 Meg drives
Support for the 288 Meg perpendicular drives is accom-
plished
with
the
additional
density
encoding
signal
(DRATE0) on floppy header pin 6 This interface solution will
support perpendicular drives with the encoding scheme list-
ed in Table 7-2 below
TABLE 7-2 Density Encoding
Media
Data Rate
HD
ED
1 Meg
250 kbs
0
0
2 Meg
500 kbs
1
0
4 Meg
1 Mbs
X
1
The HD signal is floppy header pin 2 and the ED signal is
header pin 6 This standard scheme is supported by a num-
ber of perpendicular drive manufacturers Some new per-
pendicular drives are using an auto media sense for density
selection These drives will not require either the HD or ED
signals Here the data rate is determined optically by the
drive due to the hole in the disk
The only use of the 16L8 PAL is address decoding for the
proper floppy address range The primary range is 3F0 – 3F7
while the secondary address range is 370 – 377 Selection
between can be accomplished with a jumper if needed The
address lines A9 – A3 and AEN are input to the PAL from the
peripheral bus The following equation can be used for the
primary range
CS e (AEN
A9
A8
A7
A6
A5
A4
A3)
In this design we have used 1 kX pull-up resistors on the
floppy drive interface If the intended design is to be used
with external drives or long cabling or if 525
disk drives
are to be supported 150 kX pull-ups should be considered
TLF11332 – 24
FIGURE 7-1 8477B in PC-AT System
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com