Electronic Components Datasheet Search
  English  ▼

X  

PC8477B Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC8477B
Description  Advanced Floppy Disk Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC8477B Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button PC8477B Datasheet HTML 11Page - National Semiconductor (TI) PC8477B Datasheet HTML 12Page - National Semiconductor (TI) PC8477B Datasheet HTML 13Page - National Semiconductor (TI) PC8477B Datasheet HTML 14Page - National Semiconductor (TI) PC8477B Datasheet HTML 15Page - National Semiconductor (TI) PC8477B Datasheet HTML 16Page - National Semiconductor (TI) PC8477B Datasheet HTML 17Page - National Semiconductor (TI) PC8477B Datasheet HTML 18Page - National Semiconductor (TI) PC8477B Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
40 Command Set Description
The following is a table of the PC8477B command set Each
command contains a unique first command byte called the
opcode byte which will identify to the controller how many
command bytes to expect If an invalid command byte is
issued to the controller it will immediately go into the Result
Phase and the status will be 80 (hex) which signifies Invalid
Command
41 COMMAND SET SUMMARY
CONFIGURE
Command Phase
0
0
0
1
0011
0
0
0
0
0000
0
EIS
FIFO
POLL
THRESH
PRETRK
Execution Phase
Internal registers written
No Result Phase
DUMPREG
Command Phase
00001110
Execution Phase
Internal registers read
Result Phase
PTR Drive 0
PTR Drive 1
PTR Drive 2
PTR Drive 3
Step Rate Time
Motor Off Time
Motor On Time
DMA
Sectors per TrackEnd of Track
LOCK
0
DC3
DC2
DC1
DC0
GAP
WG
0
EIS
FIFO
POLL
THRESH
PRETRK
Note
Sectors per Track parameter returned if last command issued was
Format End of Track parameter returned if last command issued was Read
or Write
FORMAT TRACK
Command Phase
0
MFM
0
0
1
1
0
1
X
X
XXXHDDR1
DR0
Bytes per Sector
Sectors per Track
Format Gap
Data Pattern
Execution Phase
System transfers four ID bytes (track
head sector bytessector) per sector to the floppy control-
ler via DMA or Non-DMA modes The entire track is format-
ted The data block in the Data Field of each sector is filled
with the data pattern byte
Result Phase
Status Register 0
Status Register 1
Status Register 2
Undefined
Undefined
Undefined
Undefined
INVALID
Command Phase
Invalid Op Codes
Result Phase
Status Register 0 (80 hex)
LOCK
Command Phase
LOCK
0
0
1
0
1
0
0
Execution Phase
Internal register is written
Result Phase
0
0
0
LOCK
0
0
0
0
MODE
Command Phase
00
0
0
0
0
0
1
TMR
IAF
IPS
0
LOW PWR
1
ETR
FWR
FRD
BST
R255
0
0
0
0
DENSEL
BFR
WLD
Head Settle
00
0
0
0
RG
O
PU
Execution Phase
Internal registers are written
No Result Phase
NSC
Command Phase
00011000
Result Phase
01110011
PERPENDICULAR MODE
Command Phase
0
0
0100
1
0
OW
0
DC3
DC2
DC1
DC0
GAP
WG
Execution Phase
Internal registers are written
No Result Phase
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com