Electronic Components Datasheet Search
  English  ▼

X  

AC577 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC577
Description  5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC577 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC577 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC577 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
AC577
5 TO 500 MHz
TO-8 CASCADABLE AMPLIFIER
AC577
Typical Values
AC577
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+16.5 dB
Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.0 dB
High Output Level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+16.5 dBm
High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+30 dBm
Wide Power Supply Range . . . . . . . . . . . . . . . . . . . . . . . . . . +8 to +15 Volts
High Performance Thin Film
Standard Size TO-8 Package
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
3-600 MHz
5-500 MHz
5-500 MHz
Typical @ 25 °C
AC577
Second Order Harmonic Intercept Point . . . . . . . . . . . . . . .
+49 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+43 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+30 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+100 °C
Thermal Resistance1 (θjc) . . . . . . . . . . . . . . . . . . . . . . . . . . .
+55 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
+43.9 °C
1 Thermal resistance is based on total power dissipation.
AS577
Small Signal Gain (Min.)
16.5 dB
16.0 dB
15.0 dB
Gain Flatness (Max.)
< ±0.3 dB
±0.5 dB
±0.9 dB
Noise Figure (Max.)
4.0 dB
5.5 dB
6.0 dB
SWR (Max.)
Input
< 1.3:1
1.7:1
2.0:1
Output
< 1.3:1
1.7:1
2.0:1
Power Output (Min.)
@ 1dB comp.
+16.5 dBm
+15.0 dBm
+14.5 dBm
Reverse Isolation
20.0 dB
——
DC Current (Max.)
48 mA
53 mA
55 mA


Similar Part No. - AC577

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
AC5701 LEIDITECH-AC5701 Datasheet
268Kb / 3P
Modular airless ionization rod
AC5702 LEIDITECH-AC5702 Datasheet
260Kb / 3P
Modular air source ion bar
logo
Teledyne Technologies I...
AC572 TELEDYNE-AC572 Datasheet
182Kb / 2P
TO-8 CASCADABLE AMPLIFIER
logo
Texas Instruments
AC573 TI-AC573 Datasheet
383Kb / 13P
OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
logo
Teledyne Technologies I...
AC573 TELEDYNE-AC573 Datasheet
174Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC577

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC508 ETC-AC508 Datasheet
75Kb / 1P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC513 ETC-AC513 Datasheet
116Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC509 ETC1-AC509 Datasheet
107Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC548 ETC1-AC548 Datasheet
104Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
Teledyne Technologies I...
AC573 TELEDYNE-AC573 Datasheet
174Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com