Electronic Components Datasheet Search
  English  ▼

X  

AC577 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC577
Description  5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC577 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC577 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC577 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
FREQUENCY - MHz
5
10
30
50
100
200
300
400
500
600
Gain vs Temperature
Noise Figure
KEY: +25 ° C
+85 ° C
-55 ° C
20.0
18.0
16.0
14.0
12.0
10.0
Power Output at 1 dB Compression
60
50
40
30
20
Intercept Point
F REQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
4.5
4.0
3.5
3.0
18.0
17.0
16.0
15.0
2nd HAR
IP 3
IP 2
+15 V
+12 V
+8 V
+10 V
+15 V
+12 V
AC577
Model: AC577
Vcc=+15V
Icc=47.94
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.41
1.33
16.5
-20.5
5
1.20
1.18
16.6
-20.5
10
1.17
1.15
16.6
2.556
-20.4
50
1.16
1.12
16.6
0.871
-20.4
100
1.16
1.11
16.6
0.705
-20.4
200
1.14
1.08
16.5
0.667
-20.4
300
1.18
1.05
16.5
0.678
-20.3
400
1.24
1.10
16.6
0.698
-20.1
500
1.29
1.25
16.7
0.730
-19.8
600
1.27
1.54
16.7
0.787
-19.4
LINEAR S-PARAMETERS
Model: AC577
Vcc=+15V
Icc=47.94
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.17
-111.0
6.72
-161.4
0.094
20.0
0.14
148.4
5
0.09
-138.8
6.72
-174.0
0.095
7.0
0.08
156.0
10
0.08
-155.1
6.74
-178.5
0.095
3.0
0.07
161.1
50
0.08
-171.2
6.73
168.8
0.096
-5.0
0.06
162.4
100
0.07
-170.0
6.74
156.2
0.096
-11.0
0.05
155.3
200
0.07
-154.5
6.69
132.2
0.096
-22.0
0.04
140.6
300
0.08
-135.6
6.72
107.7
0.097
-34.0
0.02
162.6
400
0.11
-131.0
6.77
82.7
0.099
-46.0
0.05
-155.0
500
0.13
-134.0
6.81
56.4
0.102
-59.0
0.11
-170.3
600
0.12
-138.8
6.87
28.0
0.107
-74.0
0.21
162.1
700
0.07
-115.2
6.82
-3.4
0.114
-91.0
0.35
129.5
800
0.18
-58.7
6.52
-39.6
0.119
-112.0
0.51
90.8
Model: AC577
Vcc= +12V
Icc=38.14
FREQ
SWR
SWR
GAIN
PHASE
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
2
1.30
1.22
16.4
-20.6
5
1.11
1.09
16.4
-20.6
10
1.07
1.06
16.4
2.502
-20.6
50
1.06
1.03
16.4
0.911
-20.5
100
1.10
1.03
16.4
0.741
-20.5
200
1.20
1.04
16.3
0.720
-20.5
300
1.31
1.12
16.3
0.719
-20.4
400
1.40
1.24
16.2
0.728
-20.2
500
1.43
1.31
16.2
0.763
-19.7
600
1.34
2.01
16.1
0.802
-19.3
LINEAR S-PARAMETERS
Model: AC577
Vcc=+12V
Icc=38.14
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.13
-92.6
6.61
-163.0
0.093
19.0
0.10
135.1
5
0.05
-100.2
6.61
-174.5
0.094
7.0
0.04
136.4
10
0.03
-109.1
6.62
-179.0
0.094
3.0
0.03
143.3
50
0.03
-116.4
6.60
168.0
0.094
-5.0
0.02
162.3
100
0.05
-111.4
6.61
154.7
0.094
-11.0
0.01
-177.0
200
0.09
-108.7
6.54
129.1
0.094
-23.0
0.02
-118.8
300
0.13
-115.7
6.51
103.1
0.096
-35.0
0.06
-118.0
400
0.17
-126.4
6.49
76.7
0.098
-47.0
0.11
-137.3
500
0.18
-136.6
6.46
48.9
0.103
-61.0
0.13
-133.0
600
0.14
-140.9
6.40
19.0
0.109
-77.0
0.34
-153.4
700
0.11
-104.5
6.24
-15.0
0.118
-96.0
0.46
142.8
800
0.28
-76.2
5.63
-53.7
0.119
-121.0
0.62
85.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com