Electronic Components Datasheet Search
  English  ▼

X  

CT20EP103 Datasheet(PDF) 3 Page - Copal Electronics

Part # CT20EP103
Description  15 TURNS CERMET TRIMMERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CT20EP103 Datasheet(HTML) 3 Page - Copal Electronics

  CT20EP103 Datasheet HTML 1Page - Copal Electronics CT20EP103 Datasheet HTML 2Page - Copal Electronics CT20EP103 Datasheet HTML 3Page - Copal Electronics CT20EP103 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CT-20
CERMET TRIMMERS
Nominal resistance values (
Ω)
Resistance code
Maximum input voltage (V)
Maximum wiper current (mA)
■ MAXIMUM INPUT RATINGS
A
10
100
1.00
100
A
20
200
2.00
100
50
500
5.00
100
100
101
7.07
70.7
200
201
10.0
50.0
500
501
15.8
31.6
1 k
102
22.4
22.4
2 k
202
31.6
15.8
5 k
502
50.0
10.0
10 k
103
70.7
7.07
20 k
203
100
5.00
50 k
503
158
3.16
100 k
104
224
2.24
200 k
204
300
1.50
500 k
504
300
0.60
1 M
105
300
0.30
2 M
205
300
0.15
A
5 M
505
300
0.06
The products indi-
cated by
A mark are
manufactured upon
receipt of order
basis.
3
Resistance code, Production date code &
Lead-free Identification mark
3.3
12.7
5.1
19
1.5
2
1
5
3 –
0.50.05
φ
2.5
1.25
2.5, Slot 0.6 W
× 0.8 D
φ
3
5
3 –
0.50.05
φ
2.5, Slot 0.6 W
× 0.8 D
φ
2.5
1.25
0.6
17.8
7.6
19
1.5
2
1
Resistance code, Production date code &
Lead-free Identification mark
O CT-20EP
Side adjustment
O CT-20EX
Side adjustment
CW rotation
1
2
3
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com