Electronic Components Datasheet Search
  English  ▼

X  

CT20EP103 Datasheet(PDF) 4 Page - Copal Electronics

Part # CT20EP103
Description  15 TURNS CERMET TRIMMERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CT20EP103 Datasheet(HTML) 4 Page - Copal Electronics

  CT20EP103 Datasheet HTML 1Page - Copal Electronics CT20EP103 Datasheet HTML 2Page - Copal Electronics CT20EP103 Datasheet HTML 3Page - Copal Electronics CT20EP103 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6.1
7
8.4
23
Nut M5, t = 3.2
M5 (P = 0.8)
2.90.2
Slot 0.6 W
× 1 D
φ
3 –
0.50.05
φ
Washer t = 0.8
7
12.7
5.1
3
2
1
Resistance code, Production date code &
Lead-free Identification mark
O CT-20EPB
<Bulk pack specifications>
O Unit of bulk in a plastic bag is 50 pcs. (CT-20EPB is 25
pcs.) per pack.
O Boxing of bulk in a plastic bag is performed with 100
pcs. (CT-20EPB is 50 pcs.) per box.
■ PACKAGING SPECIFICATIONS
CW rotation
1
2
3
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
CT-20
CERMET TRIMMERS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com