Electronic Components Datasheet Search
  English  ▼

X  

STB6N80K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB6N80K5
Description  Zener-protected
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STB6N80K5 Datasheet HTML 1Page - STMicroelectronics STB6N80K5 Datasheet HTML 2Page - STMicroelectronics STB6N80K5 Datasheet HTML 3Page - STMicroelectronics STB6N80K5 Datasheet HTML 4Page - STMicroelectronics STB6N80K5 Datasheet HTML 5Page - STMicroelectronics STB6N80K5 Datasheet HTML 6Page - STMicroelectronics STB6N80K5 Datasheet HTML 7Page - STMicroelectronics STB6N80K5 Datasheet HTML 8Page - STMicroelectronics STB6N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
DocID024661 Rev 3
3/26
STB6N80K5, STD6N80K5, STI6N80K5, STP6N80K5
Electrical ratings
26
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
30
V
ID
Drain current (continuous) at TC = 25 °C
4.5
A
ID
Drain current (continuous) at TC = 100 °C
2.8
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
18
A
PTOT
Total dissipation at TC = 25 °C
85
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by Tjmax )
1.5
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAS, VDD = 50 V)
85
mJ
dv/dt (2)
2.
ISD ≤ 4.5 A, di/dt ≤ 100 A/µs, peak VDS ≤ V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
D2PAK
DPAK
I2PAK
TO-220
Rthj-case
Thermal resistance junction-case
1.47
°C/W
Rthj-amb
Thermal resistance junction-amb
62.50
62.50
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1 inch², 2 oz Cu
Thermal resistance junction-pcb
30
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com