Electronic Components Datasheet Search
  English  ▼

X  

STB6N80K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB6N80K5
Description  Zener-protected
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6N80K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STB6N80K5 Datasheet HTML 1Page - STMicroelectronics STB6N80K5 Datasheet HTML 2Page - STMicroelectronics STB6N80K5 Datasheet HTML 3Page - STMicroelectronics STB6N80K5 Datasheet HTML 4Page - STMicroelectronics STB6N80K5 Datasheet HTML 5Page - STMicroelectronics STB6N80K5 Datasheet HTML 6Page - STMicroelectronics STB6N80K5 Datasheet HTML 7Page - STMicroelectronics STB6N80K5 Datasheet HTML 8Page - STMicroelectronics STB6N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DocID024661 Rev 3
5/26
STB6N80K5, STD6N80K5, STI6N80K5, STP6N80K5
Electrical characteristics
26
.
The built-in back-to-back Zener diodes have been specifically designed to enhance the ESD
capability of the device. The Zener voltage is appropriate for efficient and cost-effective
intervention to protect the device integrity. These integrated Zener diodes thus eliminate the
need for external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 2.25 A,
RG = 4.7 Ω, VGS = 10 V
-16-
ns
tr
Rise time
-
7.5
-
ns
td(off)
Turn-off delay time
-
28.5
-
ns
tf
Fall time
-
16
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
4.5
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
18
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 4.5 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 4.5 A, VDD = 60 V
di/dt = 100 A/µs,
-
280
ns
Qrr
Reverse recovery charge
-
2.2
μC
IRRM
Reverse recovery current
-
15.5
A
trr
Reverse recovery time
ISD = 4.5 A,VDD = 60 V
di/dt =100 A/µs,
Tj = 150 °C
-
450
ns
Qrr
Reverse recovery charge
-
3.15
μC
IRRM
Reverse recovery current
-
14
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage IGS = ± 1mA, ID = 0
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com