Electronic Components Datasheet Search
  English  ▼

X  

HAL880 Datasheet(PDF) 59 Page - Micronas

Part # HAL880
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 59 Page - Micronas

Back Button HAL880 Datasheet HTML 55Page - Micronas HAL880 Datasheet HTML 56Page - Micronas HAL880 Datasheet HTML 57Page - Micronas HAL880 Datasheet HTML 58Page - Micronas HAL880 Datasheet HTML 59Page - Micronas HAL880 Datasheet HTML 60Page - Micronas HAL880 Datasheet HTML 61Page - Micronas HAL880 Datasheet HTML 62Page - Micronas HAL880 Datasheet HTML 63Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
59
5.5.4.
The Calibration Procedure
The output characteristic is determined by four parameters:
– Clamp Low specifies the lower clamping voltage of the output curve.
– Clamp High specifies the higher clamping voltage of the output curve.
–VOQ corresponds to the output voltage at zero magnetic field.
– Sensitivity describes the magnetic sensitivity of the sensor.
The following simple formula relates the analog output voltage to the D/A-Readout
(VDD is considered to be 5.0 V):
The calibration procedure is shown in Fig. 5–7. The register values are intended as an
example:
Step 1:
Programming of the parameters which do not require individual adjustment:
– Filter Frequency, Magnetic Range, Output Mode, TC (TC, TCSQ and TC-Range)
and GP.
Step 2:
Initialize DSP
As the D/A-READOUT register value depends on the settings of SENSITIVITY,
VOQ and CLAMP LOW/HIGH, these registers have to be initialized with defined val-
ues, first:
–VOQINITIAL = 2.5 V
– SensitivityINITIAL = 0.5
– Clamp Low = 0 V
– Clamp High = 4.999 V
Step 3:
Get the DA-Readout value in the first calibration point and assign a nominal output volt-
age (VOUT,1) to that point.
Step 4:
Get the DA-Readout value in the second calibration point and assign a nominal output
voltage (VOUT,2) to that point.
Step 5:
Calculate and program the values of SENSITIVITY and VOQ.
Write and program values for Clamp High and Clamp Low
V
OUT
SENSITIVITY
16384
------------------------------------ 2
DA-Readout 5

=
Sensitivity
1
2
---
Vout2
Vout1
–

D/A-Readout2
D/A-Readout1
–

----------------------------------------------------------------------------------------
16384
5
---------------
=
V
OQ
1
16
------
Vout2
16384
5
-------------------------------------
D/A-Readout2
8192
–
 Sensitivity
2

–
5
1024
------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com