Electronic Components Datasheet Search
  English  ▼

X  

HAL880 Datasheet(PDF) 9 Page - Micronas

Part # HAL880
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL880 Datasheet(HTML) 9 Page - Micronas

Back Button HAL880 Datasheet HTML 5Page - Micronas HAL880 Datasheet HTML 6Page - Micronas HAL880 Datasheet HTML 7Page - Micronas HAL880 Datasheet HTML 8Page - Micronas HAL880 Datasheet HTML 9Page - Micronas HAL880 Datasheet HTML 10Page - Micronas HAL880 Datasheet HTML 11Page - Micronas HAL880 Datasheet HTML 12Page - Micronas HAL880 Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
9
2.4.
The COM Port Parameters
The basic parameters for the setup of the serial communication are described in
Table 2–1.
2.5.
Connectors
Up to four sensors can be connected to the programmer board V 5.1. For this purpose,
two 6-pin connectors, HAL 1/2 and HAL 3/4, are supplied.
Note: In case of HAL 810, HAL 856 and HAL 1000 only one sensor can be connected
to the board. These sensors do not support the required multi-programming
function.
Alternatively, one Hall sensor can be inserted in the three-pin socket HAL beneath the
connector HAL 1/2. The pins of this socket are connected parallel to pins 1, 3, and 5 of
the connector HAL 1/2.
The male plug (Amp 215083) corresponding to the red connectors HAL 1/2 and HAL 3/
4 can be ordered from Bürklin with the order no. 58F462.
Fig. 2–1:
Interface connector HAL 1/2 (HAL 3/4).
Table 2–1:
COM port parameters
Parameter
Value
Remarks
Baud rate
9600
57600
Jumper ’BaudRate’ set
Jumper ’BaudRate’ open
Data bits
8
Stop bits
1
Parity
EVEN
Flow control
NONE
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com