Electronic Components Datasheet Search
  English  ▼

X  

HAL1002 Datasheet(PDF) 28 Page - Micronas

Part # HAL1002
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1002 Datasheet(HTML) 28 Page - Micronas

Back Button HAL1002 Datasheet HTML 24Page - Micronas HAL1002 Datasheet HTML 25Page - Micronas HAL1002 Datasheet HTML 26Page - Micronas HAL1002 Datasheet HTML 27Page - Micronas HAL1002 Datasheet HTML 28Page - Micronas HAL1002 Datasheet HTML 29Page - Micronas HAL1002 Datasheet HTML 30Page - Micronas HAL1002 Datasheet HTML 31Page - Micronas HAL1002 Datasheet HTML 32Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
HAL8xy, HAL100x
APPLICATION NOTE
Programmer Board
28
Sept. 19, 2013; APN000046_03EN
Micronas
4.3.6.
Programming Information
If the content of any register (except the lock registers) is to be changed, the desired
value must first be written into the corresponding RAM register. Before reading out the
RAM register again, the register value must be permanently stored in the EEPROM.
Permanently storing a value in the EEPROM is done by first sending an ERASE com-
mand followed by sending a PROM command. The address within the ERASE and
PROM commands is not important. ERASE and PROM act on all registers in parallel.
If all HAL805, HAL815, HAL817 and HAL1000 registers are to be changed, all writing
commands can be sent one after the other, followed by sending one ERASE and
PROM command at the end.
During all communication sequences, the customer has to check if the communication
with the sensor was successful. This means that the acknowledge and the parity bits
sent by the sensor have to be checked by the customer. If the Micronas programmer
board is used, the customer has to check the error flags sent from the programmer
board.
Note: For production and qualification tests, it is mandatory to set the Lock bit after
final adjustment and programming. The Lock function is active after the next
power-up of the sensor. Micronas also recommends sending an additional
ERASE command after sending the LOCK command (This is done automati-
cally when the board command “l” is used for locking the sensor.).
The success of the Lock process should be checked by reading at least one
sensor register after locking and/or by an analog check of the sensor’s output
signal.
Electrostatic Discharges (ESD) may disturb the programming pulses. Please
take precautions against ESD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com