Electronic Components Datasheet Search
  English  ▼

X  

HAL1002 Datasheet(PDF) 47 Page - Micronas

Part # HAL1002
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1002 Datasheet(HTML) 47 Page - Micronas

Back Button HAL1002 Datasheet HTML 43Page - Micronas HAL1002 Datasheet HTML 44Page - Micronas HAL1002 Datasheet HTML 45Page - Micronas HAL1002 Datasheet HTML 46Page - Micronas HAL1002 Datasheet HTML 47Page - Micronas HAL1002 Datasheet HTML 48Page - Micronas HAL1002 Datasheet HTML 49Page - Micronas HAL1002 Datasheet HTML 50Page - Micronas HAL1002 Datasheet HTML 51Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
47
MODE
– The register range is from 0 up to 63 and contains the settings for FILTER and
RANGE:
Please refer to the data sheet for the available FILTER and RANGE values.
ADC-READOUT
– This register is read only.
– The register range is from
8192 up to 8191.
DEACTIVATE
– This register can only be written.
– The register has to be written with 2063 decimal (80F hexadecimal) for the deactiva-
tion.
– The sensor can be reset with an Activate pulse on the output pin or by switching off
and on the supply voltage.
Note: The register information of the HAL810 is slightly different. However it is quite
easy to transform voltage values (HAL8x5) into output duty cycle (HAL810) by
multiplication with
For detailed register information of the HAL810, please refer to the data sheet.
MODE
FILTER 8
RANGE
+
=
100%
5V
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com