Electronic Components Datasheet Search
  English  ▼

X  

STD40P3LLH6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD40P3LLH6
Description  P-channel -30 V, 12 mΩ typ., -40 A STripFET™H6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD40P3LLH6 Datasheet(HTML) 1 Page - STMicroelectronics

  STD40P3LLH6 Datasheet HTML 1Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 2Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 3Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 4Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 5Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 6Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 7Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2016
DocID025821 Rev 4
1/16
This is information on a product in full production.
www.st.com
STD40P3LLH6
P-channel -
30 V, 12 mΩ typ., -40 A STripFET™ H6
Power MOSFET in a DPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max
ID
STD40P3LLH6
-30 V
15 mΩ
-40 A
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is a P-channel Power MOSFET
developed using the STripFET™ H6 technology
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packing
STD40P3LLH6
40P3LLH6
DPAK
Tape and reel
AM11258v1
D(2, TAB)
S(3)
G(1)


Similar Part No. - STD40P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40P8F6AG STMICROELECTRONICS-STD40P8F6AG Datasheet
723Kb / 16P
Automotive-grade P-channel -80 V, 18.5 m typ., -40 A STripFET™ F6 Power MOSFET in a DPAK package
July 2016 Rev 1
More results

Similar Description - STD40P3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NF04LT STMICROELECTRONICS-STD30NF04LT Datasheet
912Kb / 15P
N-channel 40 V, 0.03 typ., 30 A, STripFET II Power MOSFET in a DPAK package
23-Nov-2012
STD36P4LLF6 STMICROELECTRONICS-STD36P4LLF6 Datasheet
450Kb / 16P
P-channel 40 V, 0.0175 Ω typ.,36 A, STripFET™F6 Power MOSFET in a DPAK package
24-Mar-2015
STD37P3H6AG STMICROELECTRONICS-STD37P3H6AG Datasheet
313Kb / 16P
Automotive-grade P-channel -30 V, 11 mΩ typ., -49 A STripFET™H6 Power MOSFET in a DPAK package
05-Aug-2015
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
P-channel 40 V, 0.0125 Ω typ., StripFET??F6 Power MOSFET in a DPAK package
16-Dec-2014
STD52P3LLH6 STMICROELECTRONICS-STD52P3LLH6 Datasheet
778Kb / 16P
P-channel 30 V, 0.01 Ω typ., 52 A, STripFET™H6 Power MOSFET in a DPAK package
24-Sep-2014
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
P-channel -30 V, 12 mΩ typ., -9 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
07-Mar-2016
STD80N3LL STMICROELECTRONICS-STD80N3LL Datasheet
778Kb / 15P
N-channel 30 V, 4 mΩ typ., 80 A Power MOSFET in a DPAK package
06-Dec-2016
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
26-Jul-2016
STS5DP3LLH6 STMICROELECTRONICS-STS5DP3LLH6 Datasheet
711Kb / 14P
Dual P-channel -30 V, 48 mΩ typ., -5 A, STripFET™ H6 Power MOSFET in an SO-8 package
17-Jan-2018
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
09-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com