Electronic Components Datasheet Search
  English  ▼

X  

STD40P3LLH6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD40P3LLH6
Description  P-channel -30 V, 12 mΩ typ., -40 A STripFET™H6 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD40P3LLH6 Datasheet(HTML) 3 Page - STMicroelectronics

  STD40P3LLH6 Datasheet HTML 1Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 2Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 3Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 4Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 5Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 6Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 7Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD40P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STD40P3LLH6
Electrical ratings
DocID025821 Rev 4
3/16
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
-30
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
-40
A
ID
Drain current (continuous) at TC = 100 °C
-30.7
A
IDM (1)
Drain current (pulsed)
-160
A
PTOT
Total dissipation at TC = 25 °C
60
W
Tstg
Storage temperature range
- 55 to 175
°C
Tj
Operating junction temperature range
°C
Notes:
(1)Pulse width is limited by safe operating area.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
2.5
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb max
50
Notes:
(1)When mounted on FR-4 board of 1 inch², 2oz Cu.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com