Electronic Components Datasheet Search
  English  ▼

X  

Q2406D Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # Q2406D
Description  SELF CONTAINED E GSM/GPRS 900/1800 OR 850/1900 BI BAND MODULE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q2406D Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button Q2406D Datasheet HTML 17Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 18Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 19Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 20Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 21Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 22Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 23Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 24Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
WM_PRJ_Q2400_PTS_002 - 002
24th January 2003
confidential ©
Page :
21 / 81
This document is the sole and exclusive property of WAVECOM. Not to be distributed or divulged
without prior written agreement.
Ce document est la propriété exclusive de WAVECOM. Il ne peut être communiqué ou divulgué à
des tiers sans son autorisation préalable.
2.7.2 Typical implementation with a microprossessor
The figure above shows a typical implementation when the Q24x6 Module is
connected to a host microprocessor which is 2,8 V tolerant on the serial port
signals.
Host Microprocessor
2.8 Auxiliary serial link (Uart2)
For future applications (e.g. Bluetooth connectivity) au auxiliary serial interface
(UART2) will be available on Q24x6A and Q24x6B products.
! Warning :
The auxiliary serial link (UART2) is not available on Q24x6D and Q24x6E
products (version with 64 Mb of Flash memory and 8 Mb of SRAM).
Pin description
Signal
Pin
number
I/O
I/O
type
Description
Multiplexed
with
CT104 / TXD2
18
I
3X
Receive serial data
GPI
CT103 / RXD2
20
O
CMOS
Transmit serial data
GPO2
CT106 / CTS2
24
I
CMOS
Clear To Send
GPIO0
CT105 / RTS2
35
O
2X
Ready To Send
GPIO5
A
A
AT
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com