Electronic Components Datasheet Search
  English  ▼

X  

Q2406D Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # Q2406D
Description  SELF CONTAINED E GSM/GPRS 900/1800 OR 850/1900 BI BAND MODULE
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q2406D Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button Q2406D Datasheet HTML 9Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 10Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 11Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 12Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 13Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 14Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 15Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 16Page - List of Unclassifed Manufacturers Q2406D Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
WM_PRJ_Q2400_PTS_002 - 002
24th January 2003
confidential ©
Page :
13 / 81
This document is the sole and exclusive property of WAVECOM. Not to be distributed or divulged
without prior written agreement.
Ce document est la propriété exclusive de WAVECOM. Il ne peut être communiqué ou divulgué à
des tiers sans son autorisation préalable.
2.2 Power supply
2.2.1 Power supply description
The power supply is one of the key issue in the design of a GSM terminal. Due
to the bursted emission in GSM / GPRS, the power supply must be able to
deliver high current peaks in a short time. During these peaks the ripple (Uripp)
and the drop (Udrop) on the supply voltage must not exceed a certain limit (see
table “Power Supply Voltage” bellow).
•
In communication mode, a GSM/GPRS classe 2 terminal emits 577µs
radio bursts every 4.615ms.
Uripp
Udrop
Uripp
Udrop
T = 4,615 ms
t = 577 µs
In communication mode, a GPRS class 10 terminal emits 1154µs radio bursts
every 4.615ms.
Two different inputs are provided for the power supply. The first one, VBATT is
used to supply the RF part and VDD, the second one is used to supply the
baseband part.
Notes :
•
It is possible to connect VBATT to VDD.
•
In case of separate power supplies, they have to be in the same state i.e
both active or inactive at the same time.
VBATT : supplies directly the RF components with 3,6 V. It is essential to keep
a minimum voltage ripple at this connection in order to avoid any phase error.
The RF Power Amplifier current (2.0 A peak in GSM /GPRS mode) flows with a
ratio of 1/8 of the time (around 577µs every 4.615ms for GSM /GPRS cl 2) and
2/8 of the time (around 1154µs every 4.615ms for GSM /GPRS cl 10). The
rising time is around 10µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com