Electronic Components Datasheet Search
  English  ▼

X  

STF6N80K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF6N80K5
Description  Ultra low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6N80K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF6N80K5 Datasheet HTML 3Page - STMicroelectronics STF6N80K5 Datasheet HTML 4Page - STMicroelectronics STF6N80K5 Datasheet HTML 5Page - STMicroelectronics STF6N80K5 Datasheet HTML 6Page - STMicroelectronics STF6N80K5 Datasheet HTML 7Page - STMicroelectronics STF6N80K5 Datasheet HTML 8Page - STMicroelectronics STF6N80K5 Datasheet HTML 9Page - STMicroelectronics STF6N80K5 Datasheet HTML 10Page - STMicroelectronics STF6N80K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DocID024664 Rev 4
7/15
STF6N80K5, STFI6N80K5
Electrical characteristics
15
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Normalized V(BR)DSS vs temperature
Figure 13. Source-drain diode forward
characteristics
C
100
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
f = 1 MHz
AM18119v1
Eoss
2
1
0
0
VDS(V)
(µJ)
400
200
3
600
4
AM18120v1
1.1
0.8
0.6
0.4
TJ(°C)
0.5
0.7
0.9
1
1.2
-100
0
-50
100
50
150
VGS(th)
(norm)
AM18082v2
ID=100 µA
1.5
1
0.5
0
-100
0
TJ(°C)
-50
2
100
50
150
ID=2 A
2.5
VGS=10 V
RDS(on)
(norm)
AM18081v2
V(BR)DSS
-100
0
TJ(°C)
(norm)
-50
50
100
0.85
0.9
0.95
1
1.05
1.1
ID=1mA
AM18083v1
VSD
1
3
ISD(A)
(V)
2
4
0.55
0.65
0.75
0.85
TJ=-50°C
TJ=150°C
TJ=25°C
0.95
AM18121v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com