Electronic Components Datasheet Search
  English  ▼

X  

STF6N80K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF6N80K5
Description  Ultra low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6N80K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STF6N80K5 Datasheet HTML 1Page - STMicroelectronics STF6N80K5 Datasheet HTML 2Page - STMicroelectronics STF6N80K5 Datasheet HTML 3Page - STMicroelectronics STF6N80K5 Datasheet HTML 4Page - STMicroelectronics STF6N80K5 Datasheet HTML 5Page - STMicroelectronics STF6N80K5 Datasheet HTML 6Page - STMicroelectronics STF6N80K5 Datasheet HTML 7Page - STMicroelectronics STF6N80K5 Datasheet HTML 8Page - STMicroelectronics STF6N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DocID024664 Rev 4
5/15
STF6N80K5, STFI6N80K5
Electrical characteristics
15
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD
performance of the device. The Zener voltage facilitates efficient and cost-effective device
integrity protection,thus eliminating the need for additional external componentry.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 2.25 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 14: Switching
times test circuit for
resistive load and
Figure 19: Switching time
waveform)
-16
-
ns
tr
Rise time
-
7.5
-
ns
td(off)
Turn-off delay time
-
28.5
-
ns
tf
Fall time
-
16
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
4.5
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
18
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 4.5 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 4.5 A, VDD = 60 V
di/dt = 100 A/µs,
(see Figure 16: Test
circuit for inductive load
switching and diode
recovery times)
-
280
ns
Qrr
Reverse recovery charge
-
2.2
μC
IRRM
Reverse recovery current
-
15.5
A
trr
Reverse recovery time
ISD = 4.5 A,VDD = 60 V
di/dt = 100 A/µs,
Tj = 150 °C
(see Figure 16: Test
circuit for inductive load
switching and diode
recovery times)
-
450
ns
Qrr
Reverse recovery charge
-
3.15
μC
IRRM
Reverse recovery current
-
14
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO Gate-source breakdown voltage IGS = ±1mA, ID = 0
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com