Electronic Components Datasheet Search
  English  ▼

X  

STF150N10F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF150N10F7
Description  N-channel 100 V, 0.0036 Ω typ., 65 A, STripFET™ F7 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF150N10F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STF150N10F7 Datasheet HTML 1Page - STMicroelectronics STF150N10F7 Datasheet HTML 2Page - STMicroelectronics STF150N10F7 Datasheet HTML 3Page - STMicroelectronics STF150N10F7 Datasheet HTML 4Page - STMicroelectronics STF150N10F7 Datasheet HTML 5Page - STMicroelectronics STF150N10F7 Datasheet HTML 6Page - STMicroelectronics STF150N10F7 Datasheet HTML 7Page - STMicroelectronics STF150N10F7 Datasheet HTML 8Page - STMicroelectronics STF150N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
August 2014
DocID025818 Rev 2
1/13
STF150N10F7
N-channel 100 V, 0.0036
Ω typ., 65 A, STripFET™ F7
Power MOSFET in a TO-220FP package
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Among the lowest RDS(on) on the market
• Excellent figure of merit (FoM)
• Low Crss/Ciss ratio for EMI immunity
• High avalanche ruggedness
Applications
• Switching applications
Description
This N-channel Power MOSFET utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
1
2
3
TO-220FP
Order code
VDS
RDS(on)max
ID
PTOT
STF150N10F7
100 V
0.0042
Ω
65 A
35 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STF150N10F7
150N10F7
TO-220FP
Tube
www.st.com


Similar Part No. - STF150N10F7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF150N10F7 ISC-STF150N10F7 Datasheet
311Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF150N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF140N6F7 STMICROELECTRONICS-STF140N6F7 Datasheet
679Kb / 13P
N-channel 60 V, 0.0031 (ohm) typ., 70 A STripFET F7 Power MOSFET in a TO-220FP package
14-Jan-2016
STB100N6F7 STMICROELECTRONICS-STB100N6F7 Datasheet
555Kb / 15P
N-channel 60 V, 4.7 mΩ typ.,100 A STripFET™ F7 Power MOSFET in a D²PAK package
14-Jan-2015
STF100N6F7 STMICROELECTRONICS-STF100N6F7 Datasheet
419Kb / 13P
N-channel 60 V, 4.6 m??typ., 46 A STripFET™F7 Power MOSFET in a TO-220FP package
10-Feb-2015
STP30N10F7 STMICROELECTRONICS-STP30N10F7 Datasheet
1Mb / 13P
N-channel 100 V, 0.02 Ω typ., 32 A STripFET™ F7 Power MOSFET in a TO-220 package
01-Feb-2016
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
13-Oct-2015
STFU260N4F7 STMICROELECTRONICS-STFU260N4F7 Datasheet
466Kb / 10P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP ultra narrow leads package
11-Nov-2015
STH15810-2 STMICROELECTRONICS-STH15810-2 Datasheet
969Kb / 16P
N-channel 100 V, 0.0034 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a H2PAK-2 package
25-Aug-2014
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STP15810 STMICROELECTRONICS-STP15810 Datasheet
357Kb / 13P
N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
20-Aug-2014
STF5N52U STMICROELECTRONICS-STF5N52U Datasheet
548Kb / 13P
N-channel 525 V, 1.25 Ω typ., 4.4 A, UltraFASTmesh™ Power MOSFET in a TO-220FP package
05-Mar-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com