Electronic Components Datasheet Search
  English  ▼

X  

STF150N10F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF150N10F7
Description  N-channel 100 V, 0.0036 Ω typ., 65 A, STripFET™ F7 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF150N10F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STF150N10F7 Datasheet HTML 1Page - STMicroelectronics STF150N10F7 Datasheet HTML 2Page - STMicroelectronics STF150N10F7 Datasheet HTML 3Page - STMicroelectronics STF150N10F7 Datasheet HTML 4Page - STMicroelectronics STF150N10F7 Datasheet HTML 5Page - STMicroelectronics STF150N10F7 Datasheet HTML 6Page - STMicroelectronics STF150N10F7 Datasheet HTML 7Page - STMicroelectronics STF150N10F7 Datasheet HTML 8Page - STMicroelectronics STF150N10F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DocID025818 Rev 2
3/13
STF150N10F7
Electrical ratings
13
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
100
V
VGS
Gate- source voltage
±20
V
ID
Drain current (continuous) at TC = 25 °C
65
A
ID
Drain current (continuous) at TC = 100 °C
45
A
IDM
(1)
1.
Pulse width is limited by safe operating area
Drain current (pulsed) TC = 25 °C
260
A
PTOT
Total dissipation at TC = 25 °C
35
W
EAS
(2)
2.
Starting Tj=25 °C, ID=30 A, VDD=50 V
Single pulse avalanche energy
495
mJ
TJ
Operating junction temperature
-55 to 175
°C
Tstg
Storage temperature
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
4.29
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com