Electronic Components Datasheet Search
  English  ▼

X  

M52390 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M52390
Description  NTSC/PAL ENCODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52390 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M52390 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NTSC/PAL ENCODER
M52390FP
MITSUBISHI ICs (AV COMMON)
ABSOLUTE MAXIMUM RATINGS (Ta=25˚C, unless otherwise noted)
Symbol
Ratings
Parameter
VCC
Pd
Topr
Tstg
K
Unit
7
620
(900)
-40 to 125
-20 to 75
V
mW
˚C
mW/˚C
6.2
(9.0)
˚C
Supply voltage
Power dissipation
Operating temperature
Storage temperature
Thermal derating (Ta
≥25˚C)
Values in parentheses are those measured when the IC is mounted on a standard board.
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
Test conditions
Current dissipation 1
Current dissipation 2
Matrix ratio R
Matrix ratio G
Matrix ratio B
Y level at RGB 100%
R IN - Y OUT frequency characteristics
G IN - Y OUT frequency characteristics
B IN - Y OUT frequency characteristics
Sync level 1
Sync level 2
Y IN - VIDEO OUT Gain
Y IN - VIDEO OUT frequency
characteristics
Delay (R-Y)
Delay (B-Y)
Gain (R-Y) VCA:Hi
Gain (B-Y) VCA:Hi
Gain (R-Y) VCA:Lo
ICC1
ICC2
ER
EG
EB
EY
FR
FG
FB
VS1
VS2
GY
FY
DL(R-Y)
DL(B-Y)
GH(R-Y)
GH(B-Y)
GL(R-Y)
SG18 : 1VP-P
RGB IN
Y OUT
SG17 : 1VP-P
SG16 : 1VP-P
SG16, SG17, SG18 : 0.71VP-P
SG18 : 500kHz/5MHz, 0.5VP-P CW
SW16, 17, 18 : ON
0V (SG2 : OFF)
SG17 : 500kHz/5MHz, 0.5VP-P CW
SW16, 17, 18 : ON
0V (SG2 : OFF)
SG16 : 500kHz/5MHz, 0.5VP-P CW
SW16, 17, 18 : ON
0V (SG2 : OFF)
NTSC MODE
PAL MODE (SW13 : ON)
Y IN
VIDEO OUT
RGB IN
TRAP
35
50
65
mA
37
52
67
mA
0.27
0.30
0.33
VP-P
0.53
0.59
0.65
VP-P
0.09
0.11
0.13
VP-P
0.63
0.71
0.79
VP-P
-1.5
0
1.5
dB
-1.5
0
1.5
dB
-1.5
0
1.5
dB
257
286
315
mVP-P
270
300
330
mVP-P
10.5
12
13.5
dB
-1.5
0
1.5
dB
210
310
410
ns
210
310
410
ns
1
2
3.5
dB
1
2
3.5
dB
-4.5
-3
-2
dB
ELECTRICAL CHARACTERISTICS (Ta=25˚C, Vcc=5V, Sa2=sync input, unless otherwise noted)
Test
No.
Test
point
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
11
11
15
15
15
15
15
15
15
15
15
10
10
5
5
5
5
5
NTSC MODE
5V
12
PAL MODE (SW13 : ON)
5V
12
2
2
2
SG14 : 500kHz, 0.5VP-P CW
5V
12
SG14 : 5MHz, 0.5VP-P CW
5V
12
SG18 : 1VP-P
5V,
5V,
0V
15
12
7
SG16 : 1VP-P
5V,
0V,
0V
15
12
7
SG18 : 500kHz, 0.5VP-P CW
SW4, 6, 16, 17, 18 : ON
5V,
5V,
0V,
5V/2.5V
0V (SG2 : OFF)
15
12
7
19
2
SG16 : 500kHz, 0.5VP-P CW
SW4, 6, 16, 17, 18 : ON
5V,
0V,
0V,
5V/2.5V
0V (SG2 : OFF)
15
12
7
19
2
SG18 : 500kHz, 0.5VP-P CW
SW4, 6, 16, 17, 18 : ON
5V,
5V,
0V,
0V/2.5V
0V (SG2 : OFF)
15
12
7
19
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com