Electronic Components Datasheet Search
  English  ▼

X  

M52390 Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M52390
Description  NTSC/PAL ENCODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52390 Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M52390 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M52390 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
NTSC/PAL ENCODER
M52390FP
MITSUBISHI ICs (AV COMMON)
Clamp input (burst timing)
C=4.7
µ
DESCRIPTION OF PIN (cont.)
Pin No.
Name
Peripheral circuit of pins
Pin voltage
Remarks
200
µ
2.1V
1k
200
µ
200
µ
+
C
B
BFP
200
µ
2.1V
1k
200
µ
200
µ
C
G
BFP
200
µ
2.1V
1k
200
µ
200
µ
C
R
BFP
B IN
G IN
R IN
COLOR
CONT.
10k
0.01
µ
50
µ
50
µ
50
µ
20k
10k
10k
40k
AC : B0.71VP-P
Sync section : 2.9V
AC : B0.71VP-P
Sync section : 2.9V
Clamp input (burst timing)
C=4.7
µ
AC : B0.71VP-P
Sync section : 2.9V
Clamp input (burst timing)
C=4.7
µ
DC : 2.5V
Color control of RGB
encode output
5V : Chroma section+2dB
2.5V : Standard
0V : Chroma section-3dB
19
18
17
16
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com