Electronic Components Datasheet Search
  English  ▼

X  

INA180 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA180
Description  Low- and High-Side Voltage Output, Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA180 Datasheet HTML 17Page - Texas Instruments INA180 Datasheet HTML 18Page - Texas Instruments INA180 Datasheet HTML 19Page - Texas Instruments INA180 Datasheet HTML 20Page - Texas Instruments INA180 Datasheet HTML 21Page - Texas Instruments INA180 Datasheet HTML 22Page - Texas Instruments INA180 Datasheet HTML 23Page - Texas Instruments INA180 Datasheet HTML 24Page - Texas Instruments INA180 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Time (500 µs/div)
Output
Ground
0 V
2
2
Total Error (%) =
Total Gain Error (%) + Total Offset Error (%)
21
INA180
www.ti.com
SBOS741 – APRIL 2017
Product Folder Links: INA180
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
One method of calculating the total error is to add the gain error to the percentage contribution of the offset error.
However, in this case, the gain error and the offset error do not have an influence or correlation to each other. A
more statistically accurate method of calculating the total error is to use the RMS sum of the errors, as shown in
Equation 7.
(7)
After applying Equation 7, the total current sense error at maximum current is calculated to be 1.25%, and that is
less than the design example requirement of 1.5%.
The gain-of-200 device also has a bandwidth of 105 kHz that meets the small-signal bandwidth requirement of
80 kHz. If higher bandwidth is required, lower-gain devices can be used at the expense of either reduced output
voltage range or an increased value of RSENSE.
9.2.3 Application Curve
An example output response of a unidirectional configuration is shown in Figure 40. The device output swing is
limited by ground; therefore, the output is biased to this zero output level. The output rises above ground for
positive differential input signals, but cannot fall below ground for negative differential input signals.
Figure 40. Output Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com